Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSD35P03 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SSD35P03
Szczegółowy opis  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD35P03 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD35P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD35P03
-35A, -30V, RDS(O ) 28m
P-Ch Enhancement Mode Power MOSFET
31-May-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-252(D-Pack)
35P03
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD35P03 is the highest performance trench
P-ch MOSFETs with extreme high cell density , which
provide excellent RDS(ON) and gate charge for most of the
synchronous buck converter applications.
The SSD35P03 meet the RoHS and Green Product with
Function reliability approved.
FEATURES
Advanced high Cell Density Trench Technology
Super Low Gate Charge
Green Device Available
TO-252 Package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
-35
A
Continuous Drain Current, @VGS=10V
1
TC=100°C
ID
-22
A
Pulsed Drain Current
2
IDM
-80
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Maximum Thermal Resistance Junction-Ambient
1
RθJA
62.5
Maximum Thermal Resistance Junction-Case
1
RθJC
2.5
°C / W
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.336 REF.
B
4.95
5.53
K
0.89 REF.
C
2.10
2.50
M
0.45
1.14
D
0.665 Typ.
N
1.55 Typ.
E
6.0
7.5
O
0
0.13
F
2.90 REF
P
0.58 REF.
G
5.40
6.40
H
0.60
1.20
1
Gate
3
Source
2
Drain
Date Code


Podobny numer części - SSD35P03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SSD35P06-C SECOS-SSD35P06-C Datasheet
319Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results

Podobny opis - SSD35P03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com