Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSD35P03 Arkusz danych(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Numer części SSD35P03
Szczegółowy opis  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD35P03 Arkusz danych(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD35P03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD35P03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSD35P03
-35A, -30V, RDS(O ) 28m
P-Ch Enhancement Mode Power MOSFET
31-May-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250µA
Forward Transfer conductance
gfs
-
20
-
S
VDS= -5V, ID= -18A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
TJ=25°C
-
-
-1
Drain-Source Leakage Current
TJ=55°C
IDSS
-
-
-5
µA
VDS= -24V, VGS=0
-
-
28
VGS= -10V, ID= -18A
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
40
m
VGS= -4.5V, ID= -10A
Total Gate Charge
Qg
-
18
-
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Change
Qgd
-
4.9
-
nC
ID= -18A
VDS= -15V
VGS= -10V
Turn-on Delay Time
Td(on)
-
7
-
Rise Time
Tr
-
11
-
Turn-off Delay Time
Td(off)
-
27
-
Fall Time
Tf
-
8
-
nS
VDD= -15V
ID= -18A
VGS= -10V
RG=3
Input Capacitance
Ciss
-
1345
-
Output Capacitance
Coss
-
194
-
Reverse Transfer Capacitance
Crss
-
158
-
pF
VGS=0
VDS= -15V
f=1.0MHz
Source-Drain Diode
Forward On Voltage
3
VSD
-
-
-1.2
V
IS= -1A, VGS=0
Reverse Recovery Time
Trr
-
24
-
nS
Reverse Recovery Charge
Qrr
-
14
-
nC
IF= -18A, dl/dt=100A/µs
TJ=25°C
Notes:
1.
The date tested by surface mounted on a 1 inch2 FR-4 board with 2oz copper.
2.
The power dissipation is limited by 150°C junction temperature.
3.
The data tested by pulsed, pulse width
300us,duty cycle
2%
≦
≦
.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com