| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LP3943ISQ/NOPB Datasheet
# Example questions:
➢ How does the i2c bus interact with the lp3943, and what signals are used for communication?
➢ What are the primary functions of the 'prescaler' and 'pwm' registers, and how do they contribute to led control?
➢ What is the typical reset behavior of the lp3943, specifically regarding the rst pin?
# LP3943 RGB, White, Blue 16-LED Fun Light Driver
## Features
️· Internal Power-On Reset
️· Internal Precision Oscillator
️· Variable Dim Rates (0.625 Hz to 160 Hz)
️· 16 LED Drivers with multiple programmable states (ON, OFF, DIM0, DIM1)
️· Open-Drain Outputs (up to 25mA per LED)
## Applications
️· Customized Flashing LED Lights for Cellular Phones
️· Portable Applications
️· Digital Cameras
️· Indicator Lamps
️· General Purpose I/O Expander
️· Toys
## Description
The LP3943 is an integrated device capable of driving 16 LEDs independently. It contains an internal oscillator and provides versatile duty-cycle control via two prescaler and two PWM registers. It can be used with RGB, white, or blue LEDs and offers GPIO expansion capabilities.
## Pin Configuration
️· LED0-LED15: LED Driver Outputs
️· RST: Active Low Reset Input
️· SCL, SDA: I2C Interface
️· A0, A1, A2: I2C Address Inputs
️· VDD: Power Supply
️· GND: Ground
## Electrical Characteristics
️· VDD: 2.3V to 5.5V
️· LED Current: up to 25mA per LED
️· I2C Interface: Standard I2C communication
## Register Map (Key Registers)
️· Prescaler Registers (PSC0, PSC1): Control PWM frequency.
️· PWM Registers (PWM0, PWM1): Control PWM duty cycle.
️· LED Select Registers (LS0-LS3): Select which LEDs are connected to PWM0/PWM1 or are on/off.
# LP3943 RGB, White, Blue 16-LED Fun Light Driver
## Features
️· Internal Power-On Reset
️· Internal Precision Oscillator
️· Variable Dim Rates (0.625 Hz to 160 Hz)
️· 16 LED Drivers with multiple programmable states (ON, OFF, DIM0, DIM1)
️· Open-Drain Outputs (up to 25mA per LED)
## Applications
️· Customized Flashing LED Lights for Cellular Phones
️· Portable Applications
️· Digital Cameras
️· Indicator Lamps
️· General Purpose I/O Expander
️· Toys
## Description
The LP3943 is an integrated device capable of driving 16 LEDs independently. It contains an internal oscillator and provides versatile duty-cycle control via two prescaler and two PWM registers. It can be used with RGB, white, or blue LEDs and offers GPIO expansion capabilities.
## Pin Configuration
️· LED0-LED15: LED Driver Outputs
️· RST: Active Low Reset Input
️· SCL, SDA: I2C Interface
️· A0, A1, A2: I2C Address Inputs
️· VDD: Power Supply
️· GND: Ground
## Electrical Characteristics
️· VDD: 2.3V to 5.5V
️· LED Current: up to 25mA per LED
️· I2C Interface: Standard I2C communication
## Register Map (Key Registers)
️· Prescaler Registers (PSC0, PSC1): Control PWM frequency.
️· PWM Registers (PWM0, PWM1): Control PWM duty cycle.
️· LED Select Registers (LS0-LS3): Select which LEDs are connected to PWM0/PWM1 or are on/off.
| Part No. | LP3943ISQ/NOPB |
| Manufacturer | TI1 |
| Size | 983 Kbytes |
| Pages | 25 pages |
| Description | RGB, White, Blue 16-LED Fun Light Driver |