Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3943ISQ/NOPB Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LP3943ISQ/NOPB
Szczegółowy opis  RGB, White, Blue 16-LED Fun Light Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQ/NOPB Arkusz danych(HTML) 4 Page - Texas Instruments

  LP3943ISQ/NOPB Datasheet HTML 1Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 2Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 3Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 4Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 5Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 6Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 7Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 8Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LP3943
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VDD
–0.5
6
V
A0, A1, A2, SCL, SDA, RST
6
V
(Collectively called digital pins)
Voltage on LED pins
VSS − 0.5
6
V
Junction temperature
150
°C
Power dissipation(4)
400
mW
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The part cannot dissipate more than 400 mW.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V
discharge
Machine model
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
VDD
2.3
5.5
V
Junction temperature
–40
125
°C
Operating ambient temperature
–40
85
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device might occur. Recommended Operating Conditions are
conditions under which operation of the device is ensured. Recommended Operating Conditions do not imply ensured performance
limits. For verified performance limits and associated test conditions, see Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
6.4 Thermal Information
LP3943
THERMAL METRIC(1)
RTW (WQFN)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
37
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com