Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3943ISQ/NOPB Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LP3943ISQ/NOPB
Szczegółowy opis  RGB, White, Blue 16-LED Fun Light Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQ/NOPB Arkusz danych(HTML) 5 Page - Texas Instruments

  LP3943ISQ/NOPB Datasheet HTML 1Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 2Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 3Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 4Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 5Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 6Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 7Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 8Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP3943
www.ti.com
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Unless otherwise noted, VDD = 5.5 V. Typical values and limits apply for TJ = 25°C. Minimum and maximum limits apply over
the entire junction temperature range for operation, TJ = −40°C to +125°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD
Supply voltage
2.3
5
5.5
V
IQ
Supply current
No load
350
550
µA
Standby
2
5
ΔIQ
Additional standby current
VDD = 5.5 V, every LED pin at
2
mA
4.3 V
VPOR
Power-On Reset voltage
1.8
1.96
V
tw
Reset pulse width
10
ns
LED
VIL
Low level input voltage
−0.5
0.8
V
VIH
High level input voltage
2
5.5
V
VOL = 0.4 V, VDD = 2.3 V
9
VOL = 0.4 V, VDD = 3 V
12
VOL = 0.4 V, VDD = 5 V
15
IOL
Low level output current(2)
mA
VOL = 0.7 V, VDD = 2.3 V
15
VOL = 0.7 V, VDD = 3 V
20
VOL = 0.7 V, VDD = 5 V
25
ILEAK
Input leakage current
VDD = 3.6 V, VIN = 0 V or VDD
−1
1
µA
CI/O
Input/output capacitance
See(3)
2.6
5
pF
ALL DIGITAL PINS (EXCEPT SCL AND SDA PINS)
VIL
LOW level input voltage
−0.5
0.8
V
VIH
HIGH level input voltage
2
5.5
V
ILEAK
Input leakage current
−1
1
µA
CIN
Input capacitance
VIN = 0 V
(3)
2.3
5
pF
I2C INTERFACE (SCL AND SDA PINS)
VIL
LOW level input voltage
–0.5
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
5.5
V
VOL
LOW level output voltage
0
0.2VDD
V
IOL
LOW level output current
VOL = 0.4 V
3
6.5
mA
ƒCLK
Clock frequency
400
kHz
(1)
Limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Each LED pin must not exceed 25 mA and each octal (LED0–LED7; LED8–LED15) must not exceed 100 mA. The package must not
exceed a total of 200 mA.
(3)
Verified by design.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com