Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3943ISQ/NOPB Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LP3943ISQ/NOPB
Szczegółowy opis  RGB, White, Blue 16-LED Fun Light Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQ/NOPB Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LP3943ISQ/NOPB Datasheet HTML 6Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 7Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 8Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 9Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 10Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 11Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 12Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 13Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ack
w
ack
rs
r
ack
ack stop
start
msb Chip Address lsb
msb Register Add lsb
msb Chip Address lsb
msb
DATA
lsb
ack from slave
SCL
SDA
ack from slave
ack from slave
ack from master
data from slave
repeated start
start
w ack
addr = h'00
ack
rs
r ack
address h'00 data
ack
stop
id = h'xx
id = h'xx
ack
w
ack
ack
stop
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack from slave
SCL
SDA
start
w ack
id = h'xx
addr = h'02
ack
address h'02 data
ack
stop
ack from slave
ack from slave
LP3943
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
www.ti.com
Programming (continued)
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled LOW by either master or slave)
rs = repeated start
xx = 60 to 67
Figure 5. LP3943 Register Write
However, if a READ function is to be accomplished, a WRITE function must precede the READ function, as
shown in Figure 6.
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled LOW by either master or slave)
rs = repeated start
xx = 60 to 67
Figure 6. LP3943 Register Read
7.5.4 Auto Increment
Auto increment is a special feature supported by the LP3943 to eliminate repeated chip and register addressing
when data are to be written to or read from registers in sequential order. The auto increment bit is inside the
register address byte, as shown in Figure 7. Auto increment is enabled when this bit is programmed to “1” and
disabled when it is programmed to “0”.
Bits 5, 6 and 7 in the register address byte must always be zero.
Figure 7. Register Address Byte
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com