Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3943ISQ/NOPB Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LP3943ISQ/NOPB
Szczegółowy opis  RGB, White, Blue 16-LED Fun Light Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQ/NOPB Arkusz danych(HTML) 1 Page - Texas Instruments

  LP3943ISQ/NOPB Datasheet HTML 1Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 2Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 3Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 4Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 5Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 6Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 7Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 8Page - Texas Instruments LP3943ISQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
White LEDs
Blue LEDs
+5V
+5V
+5V
R
G
B
LED0
LED2
LED1
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
RESET
SCL
SDA
VDD
5V
SDA
SCL
PORTx.D
Cell Phone Baseband
Controller/PController
A2
A1
A0
GND
SMBUS/I
2
C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3943
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
LP3943 RGB, White, Blue 16-LED Fun Light Driver
1 Features
3 Description
The LP3943 is an integrated device capable of
1
Internal Power-On Reset
independently driving 16 LEDs. This device also
Active Low Reset
contains an internal precision oscillator that provides
Internal Precision Oscillator
all the necessary timing required for driving each
LED. Two prescaler registers, along with two PWM
Variable Dim Rates
registers, provide a versatile duty-cycle control. The
(From 6.25 ms to 1.6 s; 160 Hz to 0.625 Hz)
LP3943
contains
the
ability
to
dim
LEDs
in
16 LED Drivers (Multiple Programmable States:
SMBUS/I2C applications where it is required, to cut
ON, OFF, Input, and Dimming at a Specified
down on bus traffic.
Rate)
Traditionally, dimming LEDs using a serial shift
16 Open-Drain Outputs Capable of Driving up to
register such as 74LS594/5 requires a large amount
25 mA per LED
of traffic on the serial bus. The LP3943 instead
requires only the setup of the frequency and duty
2 Applications
cycle for each output pin; from then on, only a single
command from the host is required to turn each
Customized Flashing LED Lights for Cellular
individual open drain output to an ON or OFF state,
Phones
or to cycle a programmed frequency and duty cycle.
Portable Applications
Maximum output sink current is 25 mA per pin and
Digital Cameras
200 mA per package. Any ports not used for
controlling the LEDs can be used for general purpose
Indicator Lamps
input/output expansion.
General Purpose I/O Expander
Toys
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP3943
WQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LP3943ISQ/NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP3943ISQ/NOPB TI2-LP3943ISQ/NOPB Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
LP3943ISQ/NOPB.A TI2-LP3943ISQ/NOPB.A Datasheet
614Kb / 24P
LP3943 16-Channel RGB, White-LED Driver with Independent SMBUS/I2C String Control
REVISED OCTOBER 2024
More results

Podobny opis - LP3943ISQ/NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
RGB Power Light LED
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com