Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ARSP1100 Arkusz danych (PDF) - Infinite Electronics International, Inc.

ARSP1100 Datasheet PDF - Infinite Electronics International, Inc.
Numer części ARSP1100
Pobierz  ARSP1100 Pobierz
Rozmiar pliku   132.04 Kbytes
Page   1 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis CON, RP-SMA PLUG CRIMP LMR-100

ARSP1100 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ARSP1100 Datasheet PDF - Infinite Electronics International, Inc.

Numer części ARSP1100
Pobierz  ARSP1100 Click to download

Rozmiar pliku   132.04 Kbytes
Page   1 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis CON, RP-SMA PLUG CRIMP LMR-100

ARSP1100 Arkusz danych (HTML) - Infinite Electronics International, Inc.


ARSP1100 Szczegóły Produktu

NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTAND VOLTAGE: 1000 VOLTS RMS
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
CABLE RETENTION: > 45 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
APPLICATION: WBC/LMR-100, RG316/174/188 CABLE
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENTLY RELEASED VERSION).




Podobny numer części - ARSP1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
ARSP1202 L-COM-ARSP1202 Datasheet
123Kb / 1P
CON,RP-SMA PLUG CRIMP LMR200
6/24/03
ARSP1404 L-COM-ARSP1404 Datasheet
55Kb / 1P
RP-SMA STRAIGHT PLUG CRIMP FOR RG8/LMR400
11/11/09
ARSP1700 L-COM-ARSP1700 Datasheet
48Kb / 1P
RP- SMA FEMALE CRIMP FOR RG58 / LMR195
9/29/09
ARSP1702 L-COM-ARSP1702 Datasheet
103Kb / 1P
CON,RP-SMA PLUG R/A LMR195
9/19/05
ARSP1726 L-COM-ARSP1726 Datasheet
75Kb / 1P
RP-SMA PLUG SOLDERLESS R/A LMR195
11/5/12
More results


Podobny opis - ARSP1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
List of Unclassifed Man...
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Pasternack Enterprises,...
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
logo
List of Unclassifed Man...
135101-07-06.00 ETC2-135101-07-06.00 Datasheet
149Kb / 1P
SMA CRIMP PLUG
logo
Pasternack Enterprises,...
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
logo
Amphenol RF.
132114 RF-132114 Datasheet
227Kb / 1P
SMA STR CRIMP PLUG FOR RG 174,188A, 316 & LMR 100 CABLE
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com