Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA003T Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STA003T
Szczegółowy opis  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Arkusz danych(HTML) 1 Page - STMicroelectronics

  STA003T Datasheet HTML 1Page - STMicroelectronics STA003T Datasheet HTML 2Page - STMicroelectronics STA003T Datasheet HTML 3Page - STMicroelectronics STA003T Datasheet HTML 4Page - STMicroelectronics STA003T Datasheet HTML 5Page - STMicroelectronics STA003T Datasheet HTML 6Page - STMicroelectronics STA003T Datasheet HTML 7Page - STMicroelectronics STA003T Datasheet HTML 8Page - STMicroelectronics STA003T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
January 2002
SO28
SINGLE CHIP MPEG2 LAYER 3 DECODER
SUPPORTING:
- All features specified for Layer III in ISO/IEC
11172-3 (MPEG 1 Audio) except 44.1KHz
Audio
- All features specified for Layer III 2 channels
in ISO/IEC13818-3.2 (MPEG 2 Audio) except
22.05KHz Audio
- Lower sampling frequencies syntax extension,
(not specified by ISO) called MPEG 2.5
except 11.025KHz Audio
DECODES LAYER III STEREO CHANNELS,
DUAL
CHANNEL,
SINGLE
CHANNEL
(MONO)
SUPPORTING THE MPEG 1 & 2 SAMPLING
FREQUENCIES AND THE EXTENSION TO
MPEG 2.5:
48, 32, 24, 16, 12, 8 KHz
ACCEPTS MPEG 2.5 LAYER III ELEMEN-
TARY COMPRESSED BITSTREAM WITH
DATA RATE FROM 8 Kbit/s UP TO 128 Kbit/s
DIGITAL VOLUME CONTROL
DIGITAL BASS & TREBLE CONTROL
SERIAL BITSTREAM INPUT INTERFACE
ANCILLARY DATA EXTRACTION VIA I2C IN-
TERFACE.
SERIAL PCM OUTPUT INTERFACE (I
2S
AND OTHER FORMATS)
PLL FOR INTERNAL CLOCK AND FOR OUT-
PUT PCM CLOCK GENERATION
LOW POWER DATA ELABORATION FOR
POWER CONSUMPTION OPTIMISATION
CRC CHECK AND SYNCHRONISATION ER-
ROR DETECTION WITH SOFTWARE INDI-
CATORS
I
2C CONTROL BUS
LOW POWER 3.3V CMOS TECHNOLOGY
14.72MHz EXTERNAL INPUT CLOCK OR
BUILT-IN XTAL OSCILLATOR
APPLICATIONS
STARMAN SATELLITE RADIO RECEIVER
DESCRIPTION
The STA003T is a fully integrated high flexibility
MPEG Layer III Audio Decoder, capable of de-
coding Layer III compressed elementary streams,
as specified in MPEG 1 and MPEG 2 ISO stand-
ards. The device decodes also elementary streams
compressed by using low sampling rates, as speci-
fied by MPEG 2.5.
STA003T receives the input data through a Serial
Input Interface. The decoded signal is a stereo,
mono, or dual channel digital output that can be
sent directly to a D/A converter, by the PCM Out-
put Interface. This interface is software program-
mable to adapt the STA003T digital output to the
most common DACs architectures used on the
market.
The functional STA003T chip partitioning is de-
scribed in Fig.1.
STA003T
MPEG 2.5 LAYER III AUDIO DECODER
®
1/32


Podobny numer części - STA003T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
STA002 STMICROELECTRONICS-STA002 Datasheet
362Kb / 43P
STARMANO CHANNEL DECODER
Jan-2002
More results

Podobny opis - STA003T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32