| Zakładka z wyszukiwarką danych komponentów |
|
STA003T Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA003T Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 32 page ![]() I 2C REGISTERS (continued) HEX_COD DEC_COD DESCRIPTION RESET R/W 0x10 16 SOFT_RESET 0x00 W (8) 0x13 19 PLAY 0x01 R/W(8) 0x14 20 MUTE 0x00 R/W(8) 0x16 22 CMD_INTERRUPT 0x00 R/W(8) 0x18 24 reserved 0x40 64 SYNCSTATUS 0x00 R (8) 0x41 65 ANCCOUNT_L 0x00 R (8) 0x42 66 ANCCOUNT_H 0x00 R (8) 0x43 67 HEAD_H[23:16] 0x00 R(8) 0x44 68 HEAD_M[15:8] 0x00 R(8) 0x45 69 HEAD_L[7:0] 0x00 R(8) 0x46 70 DLA 0x00 R/W (8) 0x47 71 DLB 0xFF R/W (8) 0x48 72 DRA 0x00 R/W (8) 0x49 73 DRB 0xFF R/W (8) 0x54 84 PCMDIVIDER 0x01 R/W (8) 0x55 85 PCMCONF 0x21 R/W (8) 0x56 86 PCMCROSS 0x00 R/W (8) 0x59 89 ANC_DATA_1 [7:0] 0x00 R (8) 0x5A 90 ANC_DATA_2 [15:8] 0x00 R (8) 0x5B 91 ANC_DATA_3 [23:16] 0x00 R (8) 0x5C 92 ANC_DATA_4 [31:24] 0x00 R (8) 0x5D 93 ANC_DATA_5 [39:32] 0x00 R (8) 0x61 97 MFSDF (X) 0x0F R/W (8) 0x63 99 DAC_CLK_MODE 0x00 R/W (8) 0x64 100 PLLFRAC_L 0xC8 R/W (8) 0x65 101 PLLFRAC_H 0x59 R/W (8) 0x67 103 FRAME_CNT_L 0x00 R (8) 0x68 104 FRAME_CNT_M 0x00 R (8) 0x69 105 FRAME_CNT_H 0x00 R (8) 0x6A 106 AVERAGE_BITRATE 0x00 R (8) 0x71 113 SOFTVERSION R (8) 0x72 114 RUN 0x00 R/W (8) 0x77 119 TREBLE_FREQUENCY_LOW 0x00 R/W (8) 0x78 120 TREBLE_FREQUENCY_HIGH 0x00 R/W (8) 0x79 121 BASS_FREQUENCY_LOW 0x00 R/W (8) 0x7A 122 BASS_FREQUENCY_HIGH 0x00 R/W (8) 0x7B 123 TREBLE_ENHANCE 0x00 R/W (8) 0x7C 124 BASS_ENHANCE 0x00 R/W (8) 0x7D 125 TONE_ATTEN 0x00 R/W (8) Note: 1) The HEX_COD is the hexadecimal adress that the microcontroller has to generate to access the information. 2) RESERVED: register used for production test only, or for future use. STA003T 11/32 |