Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MEZDPD3603A Arkusz danych(PDF) 5 Page - Monolithic Power Systems

Numer części MEZDPD3603A
Szczegółowy opis  Programmable 36V DC/DC Power Supply up to 3A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZDPD3603A Arkusz danych(HTML) 5 Page - Monolithic Power Systems

  MEZDPD3603A Datasheet HTML 1Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 2Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 3Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 4Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 5Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 6Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 7Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 8Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
mEZDPD3603A
Programmable 36V DC/DC Power Supply up to 3A
mEZDPD3603A Rev. 1.01
www.MonolithicPower.com
5
10/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VIN Start-Up
VIN Shut Down
CH1: VOUT
5V/div.
CH2: VIN
10V/div.
CH3: SW
10V/div.
CH4: IL
2A/div.
CH1: VOUT
5V/div.
CH2: VIN
20V/div.
CH3: SW
10V/div.
CH4: IL
5A/div.
2ms/div.
20ms/div.
EN Start-Up
EN Shutdown
CH1: VOUT
5V/div.
CH2: VEN
2V/div.
CH3: SW
10V/div.
CH4: IL
5A/div.
CH1: VOUT
5V/div.
CH2: VEN
2V/div.
CH3: SW
10V/div.
CH4: IL
5A/div.
1ms/div.
40μs/div.
SCP Entry
SCP Recovery
CH1: VOUT
5V/div.
CH2: VIN
10V/div.
CH3: SW
10V/div.
CH4: IL
5A/div.
CH1: VOUT
5V/div.
CH2: VIN
10V/div.
CH3: SW
10V/div.
CH4: IL
5A/div.
10ms/div.
10ms/div.
TYPICAL PERFORMANCE CURVE (continued)
VIN = 24V, VOUT = 5V, TJ = -40°C to 125°C, typical value is tested at TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com