Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MEZDPD3603A Arkusz danych(PDF) 10 Page - Monolithic Power Systems

Numer części MEZDPD3603A
Szczegółowy opis  Programmable 36V DC/DC Power Supply up to 3A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZDPD3603A Arkusz danych(HTML) 10 Page - Monolithic Power Systems

Back Button MEZDPD3603A Datasheet HTML 2Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 3Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 4Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 5Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 6Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 7Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 8Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 9Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
mEZDPD3603A
Programmable 36V DC/DC Power Supply up to 3A
mEZDPD3603A Rev. 1.01
www.MonolithicPower.com
10
10/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Top Layer
Mid Layer 1
Mid Layer 2
Bottom Layer
LAYOUT GUIDELINES
1.
Use a large ground plane to connect to GND directly.
2.
Add vias near GND if the bottom layer is a ground plane.
3.
Ensure that the high-current paths at GND and VIN have short, direct, and wide traces.
4.
Place the VCC capacitor as close to VCC and GND as possible.
5.
Ensure an integrate GND is at the internal layer or bottom layer.
6.
Use a four-layer layout to achieve better thermal performance.
7.
Use multiple vias to connect the power planes to the internal layers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com