Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MEZDPD3603A Arkusz danych(PDF) 7 Page - Monolithic Power Systems

Numer części MEZDPD3603A
Szczegółowy opis  Programmable 36V DC/DC Power Supply up to 3A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZDPD3603A Arkusz danych(HTML) 7 Page - Monolithic Power Systems

Back Button MEZDPD3603A Datasheet HTML 2Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 3Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 4Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 5Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 6Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 7Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 8Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 9Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
mEZDPD3603A
Programmable 36V DC/DC Power Supply up to 3A
mEZDPD3603A Rev. 1.01
www.MonolithicPower.com
7
10/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Recommend Input, Output Capacitors
VOUT (V)
CIN
COUT
<3.3
4.7µF
22µF
5
4.7µF
22µF x 2
12
10µF
22µF x 2
VOUT (V)
L
C1
C2
C3
COUT
<3.3
4.7µH
10µF
10µF
N/A
22µF
5
4.7µH
10µF
10µF
N/A
22µF x 2
12
4.7µH
10µF
10µF
100µF E-cap
22µF x 2
Resistors to Set I2C Address
(To Identify Multiple Modules In One System)
R2 Value (kΩ)
I2C Address
0
21h
37.5
22h
62.5
23h
87.5
24h
112.5
25h
137.5
26h
TYPICAL APPLICATION CIRCUIT
VIN
EN
ADD
VCC
VOUT
PG
SYNC
FT
SCL
SDA
GND
mEZDPD3603A
VIN
VOUT
CIN
4.7µF
COUT
22µF
R2
RECOMMENDED FILTER for EN55022 CLASS B STANDARD
VIN
EN
ADD
VCC
VOUT
PG
SYNC
FT
SCL
SDA
GND
mEZDPD3603A
VIN
VOUT
C1
COUT
22µF
R2
L
C2
C3



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com