Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MEZDPD3603A Arkusz danych(PDF) 1 Page - Monolithic Power Systems

Numer części MEZDPD3603A
Szczegółowy opis  Programmable 36V DC/DC Power Supply up to 3A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZDPD3603A Arkusz danych(HTML) 1 Page - Monolithic Power Systems

  MEZDPD3603A Datasheet HTML 1Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 2Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 3Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 4Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 5Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 6Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 7Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 8Page - Monolithic Power Systems MEZDPD3603A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
mEZDPD3603A
Programmable 36V DC/DC Power Supply up to 3A
mEZDPD3603A Rev. 1.01
www.MonolithicPower.com
1
10/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VIN
EN
ADD
VCC
VOUT
PG
SYNC
SCL
SDA
GND
mEZDPD3603A
VIN
VOUT
CIN
4.7µF
COUT
22µF
R2
0
FT
Part Number
Input Voltage
(V)
Output
Current (A)
Output
Voltage (A)
mEZDPD3603A-XXXX
4.5-36
NP
NP
mEZDPD3603A-0001
(default programmed)
4.5-36
3A
5V
PKT-mEZDPD3603A
4.5-36
NP
NP
DESCRIPTION
FEATURES
The mEZDPD3603A is a programmable DC/DC power supply up to 3A and
0.6 - 12V output voltage. This part has a multiple-time programmable memory
and a simple programmable GUI.
The GUI includes a modeling software for verification of the part performance.
During bench evaluations, different configurations can be obtained easily
through the I2C interface. This allows users to optimize each output for their
requirements. All non-programmed parts (mEZDPD3603A-XXXX) parts
require only current and output voltage values to begin the evaluation. The
other parameters, as defined in the GUI, have default settings that could be
modified by the user, if needed.
 4.5V to 36V Operating Input
 0.6V to 12V Output Voltage
 Up to 3A Continuous Current
 High Efficiency Up to 97%
 Meet EN55022 Class B Emissions
 Operation Temperature: -40°C to 85°C
 Standard DIP Package (16x23x6.5mm)
 Programmable Parameters
 Output Voltage
 Output Current Limit
 Switching Frequency
 Multiple Selection Modes
 Compensation
 Design Files Available
mEZ Product Options:
1.
Ready-to-Use products
2.
Do-It-Yourself. Manufacture
assistance is provided
3.
Components can be purchased
separately
ORDERING INFORMATION
Pin Assignment
Order directly from Monolithicpower.com or our distributors.
For more information, please contact mEZsupport@monolithicpower.com.
Typical Application Circuit
WEB PROGRAMMABLE MODULE
Build a custom module using our online service.
Customize your voltage, current limit, and more.
Simulate > Program > Receive > Test
1
2
3
4
12
11
10
9
5
6
7
8
Top View
SYNC
EN
GND
VIN
SCL
SDA
VCC
VOUT
FT
PG
GND
ADD


Podobny numer części - MEZDPD3603A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MEZD41501A-A MPS-MEZD41501A-A Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MEZD41501A-B MPS-MEZD41501A-B Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MEZD41501A-C MPS-MEZD41501A-C Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MEZD41501A-X MPS-MEZD41501A-X Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MEZD41502A-A MPS-MEZD41502A-A Datasheet
571Kb / 4P
2.7V - 13V Input, 2A, Step-Up Power Supply
More results

Podobny opis - MEZDPD3603A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
List of Unclassifed Man...
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
Vicor Corporation
PB1005DC VICOR-PB1005DC Datasheet
150Kb / 2P
DC/DC Power Supply Up to 5 Outputs 1000W
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
Maxim Integrated Produc...
MAX16990EVKIT MAXIM-MAX16990EVKIT Datasheet
462Kb / 10P
3V to 36V, 10A DC power supply
Rev 0; 9/13
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
One 18V–36V DC, 1A power supply
Rev 2; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com