| Zakładka z wyszukiwarką danych komponentów |
|
LTC6241CS8 Arkusz danych(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Arkusz danych(HTML) 2 Page - Linear Technology |
|
2 / 24 page ![]() LTC6241/LTC6242 2 62412f Total Supply Voltage (V+ to V–) LTC6241/LTC6242 ..................................................7V LTC6241HV/LTC6242HV .......................................12V Input Voltage.......................... (V+ + 0.3V) to (V– – 0.3V) Input Current........................................................±10mA Output Short Circuit Duration (Note 2) ............ Indefinite Operating Temperature Range (Note 3) ... –40°C to 85°C (Note 1) ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO Specified Temperature Range (Note 4) .... –40°C to 85°C Junction Temperature ........................................... 150°C DHC, DD Package ............................................. 125°C Storage Temperature Range....................–65ºC to 150°C DHC, DD Package ...............................–65ºC to 125°C Lead Temperature (Soldering, 10 sec) .................. 300°C TOP VIEW DD PACKAGE 8-LEAD (3mm × 3mm) PLASTIC DFN 5 6 7 8 4 3 2 1 OUT A –IN A +IN A V– V+ OUT B –IN B +IN B B A TJMAX = 125°C, θJA = 43°C/W UNDERSIDE METAL CONNECTED TO V– (PCB CONNECTION OPTIONAL) 1 2 3 4 8 7 6 5 TOP VIEW V+ OUT B –IN B +IN B OUT A –IN A +IN A V– S8 PACKAGE 8-LEAD PLASTIC SO B A TJMAX = 150°C, θJA = 190°C/W ORDER PART NUMBER DD PART MARKING* LTC6241CDD LTC6241HVCDD LTC6241IDD LTC6241HVIDD LBPD LBRR LBPD LBRR ORDER PART NUMBER S8 PART MARKING LTC6241CS8 LTC6241HVCS8 LTC6241IS8 LTC6241HVIS8 6241 6241HV 6241I 241HVI 16 15 14 13 12 11 10 9 17 1 2 3 4 5 6 7 8 OUT D –IN D +IN D V– +IN C –IN C OUT C NC OUT A –IN A +IN A V+ +IN B –IN B OUT B NC TOP VIEW DHC16 PACKAGE 16-LEAD (5mm × 3mm) PLASTIC DFN B A C D TJMAX = 125°C, θJA = 43°C/W UNDERSIDE METAL CONNECTED TO V– GN PACKAGE 16-LEAD PLASTIC SSOP 1 2 3 4 5 6 7 8 TOP VIEW 16 15 14 13 12 11 10 9 OUT A –IN A +IN A V+ +IN B –IN B OUT B NC OUT D –IN D +IN D V– +IN C –IN C OUT C NC B A C D TJMAX = 150°C, θJA = 135°C/W ORDER PART NUMBER DHC PART MARKING* LTC6242CDHC LTC6242HVCDHC LTC6242IDHC LTC6242HVIDHC 6242 6242HV 6242 6242HV ORDER PART NUMBER GN PART MARKING LTC6242CGN LTC6242HVCGN LTC6242IGN LTC6242HVIGN 6242 6242HV 6242I 242HVI Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges. |