| Zakładka z wyszukiwarką danych komponentów |
|
LTC6241CS8 Arkusz danych(PDF) 21 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Arkusz danych(HTML) 21 Page - Linear Technology |
|
21 / 24 page ![]() LTC6241/LTC6242 21 62412f PACKAGE DESCRIPTIO GN Package 16-Lead Plastic SSOP (Narrow .150 Inch) (Reference LTC DWG # 05-08-1641) GN16 (SSOP) 0204 12 3 4 5 6 7 8 .229 – .244 (5.817 – 6.198) .150 – .157** (3.810 – 3.988) 16 15 14 13 .189 – .196* (4.801 – 4.978) 12 11 10 9 .016 – .050 (0.406 – 1.270) .015 ± .004 (0.38 ± 0.10) × 45° 0 ° – 8° TYP .007 – .0098 (0.178 – 0.249) .0532 – .0688 (1.35 – 1.75) .008 – .012 (0.203 – 0.305) TYP .004 – .0098 (0.102 – 0.249) .0250 (0.635) BSC .009 (0.229) REF .254 MIN RECOMMENDED SOLDER PAD LAYOUT .150 – .165 .0250 BSC .0165 ±.0015 .045 ±.005 *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE INCHES (MILLIMETERS) NOTE: 1. CONTROLLING DIMENSION: INCHES 2. DIMENSIONS ARE IN 3. DRAWING NOT TO SCALE |