| Zakładka z wyszukiwarką danych komponentów |
|
LTC6241CS8 Arkusz danych(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Arkusz danych(HTML) 3 Page - Linear Technology |
|
3 / 24 page ![]() LTC6241/LTC6242 3 62412f (LTC6241/LTC6241HV, LTC6242/LTC6242HV) The ● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted. ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage (Note 5) SO-Package 0°C to 70°C –40°C to 85°C ● ● 40 125 250 300 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 50 150 275 300 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 100 550 650 725 µV µV µV VOS Match Channel-to-Channel (Note 6) SO-8 Package 0°C to 70°C –40°C to 85°C ● ● 40 160 300 375 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 50 185 325 400 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 150 650 700 750 µV µV µV TC VOS Input Offset Voltage Drift (Note 7) ● 0.7 2.5 µV/°C IB Input Bias Current (Notes 5, 8) ● 1 75 pA pA PART NUMBER AMPS/PACKAGE SPECIFIED TEMP RANGE SPECIFIED SUPPLY VOLTAGE PACKAGE PART MARKING LTC6241CS8 2 0°C to 70°C 3V, 5V SO-8 6241 LTC6241CDD 2 0°C to 70°C 3V, 5V DD LBPD LTC6241HVCS8 2 0°C to 70°C 3V, 5V, ±5V SO-8 6241HV LTC6241HVCDD 2 0°C to 70°C 3V, 5V, ±5V DD LBRR LTC6241IS8 2 –40°C to 85°C 3V, 5V SO-8 6241I LTC6241IDD 2 –40°C to 85°C 3V, 5V DD LBPD LTC6241HVIS8 2 –40°C to 85°C 3V, 5V, ±5V SO-8 241HVI LTC6241HVIDD 2 –40°C to 85°C 3V, 5V, ±5V DD LBRR LTC6242CGN 4 0°C to 70°C 3V, 5V GN 6242 LTC6242CDHC 4 0°C to 70°C 3V, 5V DHC 6242 LTC6242HVCGN 4 0°C to 70°C 3V, 5V, ±5V GN 6242HV LTC6242HVCDHC 4 0°C to 70°C 3V, 5V, ±5V DHC 6242HV LTC6242IGN 4 –40°C to 85°C 3V, 5V GN 6242I LTC6242IDHC 4 –40°C to 85°C 3V, 5V DHC 6242 LTC6242HVIGN 4 –40°C to 85°C 3V, 5V, ±5V GN 242HVI LTC6242HVIDHC 4 –40°C to 85°C 3V, 5V, ±5V DHC 6242HV AVAILABLE OPTIO S |