| Zakładka z wyszukiwarką danych komponentów |
|
LTC6241CS8 Arkusz danych(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Arkusz danych(HTML) 6 Page - Linear Technology |
|
6 / 24 page ![]() LTC6241/LTC6242 6 62412f (LTC6241HV/LTC6242HV) The ● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, 0V, VCM = 0V unless otherwise noted. ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage (Note 5) SO-8 Package 0°C to 70°C –40°C to 85°C ● ● 50 175 275 325 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 60 200 275 325 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 100 550 650 725 µV µV µV VOS Match Channel-to-Channel (Note 6) SO-8 Package 0°C to 70°C –40°C to 85°C ● ● 50 200 325 400 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 60 225 325 400 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 150 650 700 750 µV µV µV TC VOS Input Offset Voltage Drift (Note 7) ● 0.7 2.5 µV/°C IB Input Bias Current (Notes 5, 8) ● 1 75 pA pA IOS Input Offset Current (Notes 5, 8) ● 0.5 75 pA pA Input Noise Voltage 0.1Hz to 10Hz 550 nVP-P en Input Noise Voltage Density f = 1kHz 7 10 nV/√Hz in Input Noise Current Density (Note 9) 0.56 fA/√Hz RIN Input Resistance Common Mode 1012 Ω CIN Input Capacitance Differential Mode Common Mode f = 100kHz (See Typical Characteristic Curves) 0.5 3 pF pF VCM Input Voltage Range Guaranteed by CMRR ● –5 3.5 V CMRR Common Mode Rejection –5V ≤ VCM ≤ 3.5V ● 83 105 dB CMRR Match Channel-to-Channel (Note 6) ● 76 95 dB AVOL Large Signal Voltage Gain VO = –3.5V to 3.5V RL = 10k 0°C to 70°C –40°C to 85°C ● ● 775 600 500 2700 V/mV V/mV V/mV RL = 1k 0°C to 70°C –40°C to 85°C ● ● 150 90 75 360 V/mV V/mV V/mV VOL Output Voltage Swing Low (Note 10) No Load ISINK = 1mA ISINK = 10mA ● ● ● 15 45 360 30 75 550 mV mV mV VOH Output Voltage Swing High (Note 10) No Load ISOURCE = 1mA ISOURCE = 10mA ● ● ● 15 45 360 30 75 550 mV mV mV |