Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331CE2KA-T Arkusz danych(PDF) 25 Page - Microchip Technology

Numer części DSC6331CE2KA-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6331CE2KA-T Arkusz danych(HTML) 25 Page - Microchip Technology

Back Button DSC6331CE2KA-T Datasheet HTML 20Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 21Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 22Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 23Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 24Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 25Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 26Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 27Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005808A-page 25
DSC63XX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Note 1: Please visit Microchip ClockWorks® Configurator Website to configure the part number for customized fre-
quency. http://clockworks.microchip.com/timing/.
Examples:
a) DSC6332JI2AA-100.0000:
Ultra–Low Power MEMS Oscillator, Pin1 = Spread
Spectrum Enable with Internal Pull-Up, High Drive
Strength, 4-Lead 2.5 mm x 2.0 mm VFLGA, Industrial
Temperature, ±25 ppm Stability, ±0.25% Spread
Spectrum, Revision A, 100 MHz Frequency,
110/Tube
b) DSC6301HE1HA-016.0000T:
Ultra–Low Power MEMS Oscillator, Pin1 = OE
with Internal Pull–Up, Standard Drive Strength,
4-Lead 1.6 mm x 1.2 mm VFLGA, Extended
Commercial Temp., ±50 ppm Stability,
–0.5% Spread Spectrum Revision A, 16 MHz
Frequency, 1,000/Reel
PART NO.
X
Package
Device
Device:
DSC63xx:
Ultra-Low Power MEMS Oscillator
Pin Definition:
Selection
Pin 1
Internal Pull Register
0
OE
Pull-up
1
STDBY
Pull-up
3
SSEN
Pull-up
4
OE
None
5
STDBY
None
7
SSEN
None
Output Drive
Strength:
1
2
Standard
High
Packages:
C
=
4-Lead 3.2 mm x 2.5 mm DFN
J
=
4-Lead 2.5 mm x 2.0 mm VFLGA
M
=
4-Lead 2.0 mm x 1.6 mm VFLGA
H
=
4-Lead 1.6 mm x 1.2 mm VFLGA
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I=
–40
C to +85C (Industrial)
Frequency
Stability:
1
=
± 50 ppm
2
=
± 25 ppm
Spread Spectrum:
A
=
±0.25%
B=
±0.5%
C=
±1.0%
D=
±1.5%
E=
±2.0%
F=
±2.5%
G
=
–0.25%
H
=
–0.5%
I
=
–1.0%
J
=
–1.5%
K
=
–2.0%
L
=
–3.0%
M=
Custom
Revision:
A
=
Revision A
Frequency:
xxx.xxxx = User-Defined Frequency between
001.0000 MHz and 100.0000 MHz
Tape and Reel:
<blank>=
110/Tube
T
=
1,000/Reel
X
Pin 1
Definition
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Output
Drive
Strength
X
Temp.
Range
X
Freq.
Stability
X
Revision
XXX.XXXX
Frequency
X
Tape
and
Reel
–
X
Spread
Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com