Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331CE2KA-T Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części DSC6331CE2KA-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6331CE2KA-T Arkusz danych(HTML) 3 Page - Microchip Technology

  DSC6331CE2KA-T Datasheet HTML 1Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 2Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 3Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 4Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 5Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 6Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 7Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 8Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005808A-page 3
DSC63XX
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage (VIN) ..............................................................................................................................–0.3V to VDD+0.3V
ESD Protection ............................................................................................................ 4 kV HBM, 400V MM, 2 kV CDM
DSC63XX ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V –5% to 3.3V +10%, TA = –40°C to 85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage, Note 1
VDD
1.71
—
3.63
V
—
Power Supply Ramp
tPU
0.1
—
100
ms
Note 8
Active Supply Current
IDD
—3.0
—
mA
FOUT = 27 MHz, VDD = 1.8V,
No Load
Standby Supply Current
Note 2
ISTBY
—12
—
µA
VDD = 1.8/2.5V
—80
—
VDD = 3.3V
Frequency Stability Note 3
∆f—
—
±25
±50
ppm
All temp ranges
Aging
∆f
——
±5
ppm
1st year @25°C
—
—
±1
Per year after first year
Startup Time
tSU
——
1.3
ms
From 90% VDD to valid clock
output, T = 25°C
Input Logic Levels Note 4
VIH
0.7 x VDD
—
—
V
Input Logic High
VIL
—
—
0.3 x VDD
V
Input Logic Low
Output Disable Time
Note 5
tDA
—
—
200+Period
ns
—
Output Enable Time
Note 6
tEN
——
1
µs
—
OE/STDBY/SSEN Pull-up
Resistor Note 7
——
300
—
kΩ
If configured
Output Logic Levels
VOH
0.8 x VDD
——
V
Output Logic High, I = 3 mA,
Std. Drive
Output Logic High, I = 6 mA,
High Drive
VOL
—
—
0.2 x VDD
V
Output Logic Low, I = –3 mA,
Std. Drive
Output Logic Low, I = –6 mA,
High Drive
Note 1: Pin 4 VDD should be filtered with 0.1 µf capacitor.
2: Not including current through pull-up resistor on EN pin (if configured). Higher standby current seen at
>3.3V VDD.
3: Includes frequency variations due to initial tolerance, temperature, and power supply voltage.
4: Input waveform must be monotonic with rise/fall time < 10 ms
5: Output Disable time takes up to one period of the output waveform + 200 ns.
6: For parts configured with OE, not Standby.
7: Output is enabled if pad is floated or not connected.
8: Time to reach 90% of target VDD. Power ramp rise must be monotonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com