Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331CE2KA-T Arkusz danych(PDF) 1 Page - Microchip Technology

Numer części DSC6331CE2KA-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6331CE2KA-T Arkusz danych(HTML) 1 Page - Microchip Technology

  DSC6331CE2KA-T Datasheet HTML 1Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 2Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 3Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 4Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 5Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 6Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 7Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 8Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005808A-page 1
DSC63XX
Features
• Output Frequency: 1 MHz to 100 MHz LVCMOS
• Spread Spectrum Options:
- Center Spread: ±0.25%, ±0.5%, ±1.0%,
±1.5%, ±2.0%, ±2.5%
- Down Spread: –0.5%, –1.0%, –1.5%, –2.0%,
–2.5%, –3.0%
• Ultra-Low Power Consumption: 3 mA (Active),
12
A (Standby)
• Wide Supply Voltage Range: 1.71V ~ 3.63V VDD
• Ultra-Small Package Sizes:
-1.6 mm
1.2 mm
-2.0 mm
1.6 mm
-2.5 mm
2.0 mm
-3.2 mm
2.5 mm
• Industrial Temperature Range: –40°C to 85°C
• Excellent Shock and Vibration Immunity
• High Reliability
• Lead Free and RoHS Compliant
Applications
• Flat Panel Display/Monitor
• Multi-Function Printer
• Digital Signage
• Consumer Electronics
General Description
The DSC63xx family of devices is the industry’s
smallest and lowest-power spread-spectrum MEMS
oscillators. Available in four different package sizes
with operation as low as 3 mA, the smallest 4-pin
package is a mere 1.6 mm x 1.2 mm in size. The
devices support up to ±2.5% or –3% spread spectrum
that can achieve up to 15 dB electromagnetic
interference (EMI) reduction. Because of industry
standard package and pin options, customers can
solve last minute EMI problems simply by putting the
new DSC63xx on their current board layout with no
redesign required.
The DSC63xx family is available in ultra-small 1.6 mm
x 1.2 mm and 2.0 mm x 1.6 mm packages. Other
package sizes include: 2.5 mm x 2.0 mm and 3.2 mm x
2.5 mm. These packages are “drop-in” replacements
for standard 4-pin CMOS quartz crystal oscillators.
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum


Podobny numer części - DSC6331CE2KA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
DSC6331HA1AB-001.0000B MICROCHIP-DSC6331HA1AB-001.0000B Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6331HA1AB-001.0000T MICROCHIP-DSC6331HA1AB-001.0000T Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6331HA1BB-001.0000B MICROCHIP-DSC6331HA1BB-001.0000B Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6331HA1BB-001.0000T MICROCHIP-DSC6331HA1BB-001.0000T Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6331HA1CB-001.0000B MICROCHIP-DSC6331HA1CB-001.0000B Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
More results

Podobny opis - DSC6331CE2KA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mercury United Electron...
HM572RD05 MERCURY-HM572RD05 Datasheet
121Kb / 1P
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
Low Power Spread Spectrum Oscillator
logo
Microchip Technology
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA63XX MICROCHIP-DSA63XX Datasheet
588Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com