Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331CE2KA-T Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części DSC6331CE2KA-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6331CE2KA-T Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button DSC6331CE2KA-T Datasheet HTML 6Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 7Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 8Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 9Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 10Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 11Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 12Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 13Page - Microchip Technology DSC6331CE2KA-T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DSC63XX
DS20005808A-page 10
 2017 Microchip Technology Inc.
5.0
SOLDER REFLOW
FIGURE 5-1:
Solder Reflow Profile.
60-180
Seconds
260°C
217°C
200°C
150°C
25°C
8 minutes max.
Pre-Heat
Reflow
Cool
Time
60-150
Seconds
20-40
Seconds
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/sec max.
Pre-heat Time 150°C to 200°C
60 to 180 sec.
Time maintained above 217°C
60 to 150 sec.
Peak Temperature
255°C to 260°C
Time within 5°C of actual Peak
20 to 40 sec.
Ramp-Down Rate
6°C/sec. max.
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com