Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112LAT0VLHT Arkusz danych(PDF) 51 Page - NXP Semiconductors

Numer części FS32K112LAT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112LAT0VLHT Arkusz danych(HTML) 51 Page - NXP Semiconductors

Back Button FS32K112LAT0VLHT Datasheet HTML 47Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 48Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 49Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 50Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 51Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 52Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 53Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 54Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Table 39. QuadSPI electrical specifications
FLASH PORT
Sym
Unit
FLASH A
FLASH B
RUN1
HSRUN1
RUN/HSRUN2
QuadSPI Mode
SDR
SDR
SDR
DDR3
Internal
Sampling
Internal DQS
Internal
Sampling
Internal DQS
Internal
Sampling
External DQS
N1
PAD
Loopback
Internal
Loopback
N1
PAD
Loopback
Internal
Loopback
N1
External DQS
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Register Settings
MCR[DDR_EN]
-
0
0
0
0
0
0
0
1
MCR[DQS_EN]
-
0
1
1
0
1
1
0
1
MCR[SCLKCFG[0]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[1]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[2]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[3]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[5]]
-
0
0
0
0
0
0
0
1
SMPR[FSPHS]
-
0
1
0
0
1
0
0
0
SMPR[FSDLY]
-
0
0
0
0
0
0
0
0
SOCCR
[SOCCFG[7:0]]
-
0
23
-
0
30
-
-
SOCCR[SOCCFG[15:8]]
-
-
-
-
-
-
-
-
30
FLSHCR[TDH]
-
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x01
Timing Parameters
SCK Clock Frequency
fSCK
MHz
-
38
-
64
-
48
-
40
-
80
-
50
-
20
-
204
SCK Clock Period
tSCK
ns
-
-
-
-
-
-
50.0
-
50.04
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com