Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112LAT0VLHT Arkusz danych(PDF) 84 Page - NXP Semiconductors

Numer części FS32K112LAT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112LAT0VLHT Arkusz danych(HTML) 84 Page - NXP Semiconductors

Back Button FS32K112LAT0VLHT Datasheet HTML 80Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 81Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 82Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 83Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 84Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 85Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 86Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 87Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
J12
J10
J11
Input data valid
Output data valid
TCLK
TDI/TMS
TDO
J14
TDO
J13
Figure 35. Test Access Port timing
Thermal attributes
7.1 Description
The tables in the following sections describe the thermal characteristics of the device.
NOTE
Junction temperature is a function of die size, on-chip power
dissipation, package thermal resistance, mounting side (board)
temperature, ambient temperature, air flow, power dissipation
or other components on the board, and board thermal resistance.
7.2 Thermal characteristics
7
Thermal attributes
S32K1xx Data Sheet, Rev. 13, 04/2020
84
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com