Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112LAT0VLHT Arkusz danych(PDF) 83 Page - NXP Semiconductors

Numer części FS32K112LAT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112LAT0VLHT Arkusz danych(HTML) 83 Page - NXP Semiconductors

Back Button FS32K112LAT0VLHT Datasheet HTML 79Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 80Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 81Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 82Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 83Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 84Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 85Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 86Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
J2
J3
J3
J4
J4
TCLK (input)
Figure 33. Test clock input timing
J7
J9
J5
J6
Input data valid
Output data valid
TCLK
Data inputs
Data outputs
Data outputs
J8
Figure 34. Boundary scan (JTAG) timing
Debug modules
S32K1xx Data Sheet, Rev. 13, 04/2020
NXP Semiconductors
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com