Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112LAT0VLHT Arkusz danych(PDF) 71 Page - NXP Semiconductors

Numer części FS32K112LAT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112LAT0VLHT Arkusz danych(HTML) 71 Page - NXP Semiconductors

Back Button FS32K112LAT0VLHT Datasheet HTML 67Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 68Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 69Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 70Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 71Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 72Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 73Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 74Page - NXP Semiconductors FS32K112LAT0VLHT Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
2
10
6
7
MSB IN
BIT 6 . . . 1
SLAVE MSB
SLAVE LSB OUT
11
5
5
3
8
4
13
12
12
11
See
note 1
13
9
See
note1
(INPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS
(INPUT)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
CFGR1[OUTCFG]=1
LSB IN
BIT 6 . . . 1
Notes:
1.The bus is driven but may not be equal to the valid serial data being sent.
BIT 6 . . . 1
SLAVE MSB
SLAVE LSB OUT
See
note 1
See
note1
MISO
(OUTPUT)
CFGR1[OUTCFG]=0
Figure 21. LPSPI slave mode timing (CPHA = 0)
Figure 22. LPSPI slave mode timing (CPHA = 1)
6.5.3 LPI2C electrical specifications
See General AC specifications for LPI2C specifications.
Communication modules
S32K1xx Data Sheet, Rev. 13, 04/2020
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com