| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP032A-RKLE1 Arkusz danych(PDF) 99 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RKLE1 Arkusz danych(HTML) 99 Page - Integrated Silicon Solution, Inc |
|
99 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 99 Rev. A 11/06/2015 Notes: 1. A* = A1, A2, A3: Meets AEC-Q100 requirements with PPAP, E1= Extended+ non-Auto qualified Temp Grades: E= -40 to 105°C, E1= -40 to 125°C, A1= -40 to 85°C, A2= -40 to 105°C, A3= -40 to 125°C 2. For RESET# pin option, call Factory. 3. The dedicated RESET# pin (or ball) on pin3/ball A4. 4. Call Factory for other package and option available Density Frequency (MHz) Order Part Number(1) Package(2) 32Mb 133 IS25LP032A-JBLE IS25LP032A-JBLE1 8-pin SOIC 208mil IS25LP032A-JKLE IS25LP032A-JKLE1 8-contact WSON 6x5mm IS25LP032A-JLLE IS25LP032A-JLLE1 8-contact WSON 8x6mm IS25LP032A-JFLE IS25LP032A-JFLE1 8-pin VSOP 208mil IS25LP032A-JMLE IS25LP032A-JMLE1 16-pin SOIC 300mil IS25LP032A-JGLE IS25LP032A-JGLE1 24-ball TFBGA 6x8mm 4x6 ball array IS25LP032A-JHLE IS25LP032A-JHLE1 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP032A-RMLE IS25LP032A-RMLE1 16-pin SOIC 300mil(3) IS25LP032A-PMLE IS25LP032A-PMLE1 16-pin SOIC 300mil(3) IS25LP032A-RGLE IS25LP032A-RGLE1 24-ball TFBGA 6x8mm 4x6 ball array (3) IS25LP032A-PGLE IS25LP032A-PGLE1 24-ball TFBGA 6x8mm 4x6 ball array (3) IS25LP032A-DMLE IS25LP032A-DMLE1 16-pin SOIC 300mil IS25LP032A-DGLE IS25LP032A-DGLE1 24-ball TFBGA 6x8mm 4x6 ball array IS25LP032A-DHLE IS25LP032A-DHLE1 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP032A-JBLA* 8-pin SOIC 208mil (Call Factory) IS25LP032A-JKLA* 8-contact WSON 6x5mm (Call Factory) IS25LP032A-JLLA* 8-contact WSON 8x6mm (Call Factory) IS25LP032A-JFLA* 8-pin VSOP 208mil (Call Factory) IS25LP032A-JMLA* 16-pin SOIC 300mil (Call Factory) IS25LP032A-JGLA* 24-ball TFBGA 6x8mm 4x6 ball array (Call Factory) IS25LP032A-JHLA* 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP032A-RMLA* 16-pin SOIC 300mil(3)(Call Factory) IS25LP032A-RGLA* 24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory) IS25LP032A-RHLA* 24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory) IS25LP032A-PMLA* 16-pin SOIC 300mil(3)(Call Factory) IS25LP032A-PGLA* 24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory) IS25LP032A-PHLA* 24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory) IS25LP032A-DMLA* 16-pin SOIC 300mil (Call Factory) IS25LP032A-DGLA* 24-ball TFBGA 6x8mm 4x6 ball array (Call Factory) IS25LP032A-DHLA* 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP032B-JWLE KGD (Call Factory) |