| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP032A-RKLE1 Arkusz danych(PDF) 23 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RKLE1 Arkusz danych(HTML) 23 Page - Integrated Silicon Solution, Inc |
|
23 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 23 Rev. A 11/06/2015 Instruction Name Operation Mode Byte0 Byte1 Byte2 Byte3 Byte4 Byte5 Byte6 RDFR Read Function Register SPI QPI 48h Data out WRFR Write Function Register SPI QPI 42h WFR Data QPIEN Enter QPI mode SPI 35h QPIDI Exit QPI mode QPI F5h PERSUS Suspend during program/erase SPI QPI 75h B0h PERRSM Resume program/erase SPI QPI 7Ah 30h DP Deep Power Down SPI QPI B9h RDID, RDPD Read ID / Release Power Down SPI QPI ABh XXh (3) XXh (3) XXh (3) ID7-ID0 SRP Set Read Parameters SPI QPI C0h Data in RDJDID Read JEDEC ID Command SPI QPI 9Fh MF7-MF0 ID15-ID8 ID7-ID0 RDMDID Read Manufacturer & Device ID SPI QPI 90h XXh (3) XXh (3) 00h MF7-MF0 ID7-ID0 01h ID7-ID0 MF7-MF0 RDJDIDQ Read JEDEC ID QPI mode QPI AFh MF7-MF0 ID15-ID8 ID7-ID0 RDUID Read Unique ID SPI QPI 4Bh A (4) <23:16> A (4) <15:8> A (4) <7:0> Dummy Byte Data out RDSFDP SFDP Read SPI QPI 5Ah A <23:16> A <15:8> A <7:0> Dummy Byte Data out NOP No Operation SPI QPI 00h RSTEN Software Reset Enable SPI QPI 66h RST Software Reset SPI QPI 99h IRER Erase Information Row SPI QPI 64h A <23:16> A <15:8> A <7:0> IRP Program Information Row SPI QPI 62h A <23:16> A <15:8> A <7:0> PD (256byte) IRRD Read Information Row SPI QPI 68h A <23:16> A <15:8> A <7:0> Dummy Byte Data out SECUN- LOCK Sector Unlock SPI QPI 26h A <23:16> A <15:8> A <7:0> SECLOCK Sector Lock SPI QPI 24h Notes: 1. The number of dummy cycles depends on the value setting in the Table 6.10 Read Dummy Cycles. 2. AXh has to be counted as a part of dummy cycles. X means “don’t care”. 3. XX means “don’t care”. 4. A<23:9> are “don’t care” and A<8:4> are always “0”. |