| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP032A-RKLE1 Arkusz danych(PDF) 30 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RKLE1 Arkusz danych(HTML) 30 Page - Integrated Silicon Solution, Inc |
|
30 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 30 Rev. A 11/06/2015 Figure 8.5 Fast Read Dual I/O AX Read Sequence (without command decode cycles) 22 CE # SCK 2 0 3-byte Address 20 18 ... 0 1 2 3 ... 11 12 13 14 15 16 17 18 19 20 21 Mode 3 Mode 0 23 3 1 21 19 ... IO0 IO1 4 Dummy Cycles 6 7 6 4 7 5 2 0 3 1 Data Out 1 tV 6 4 7 5 2 0 3 1 4 5 Mode Bits ... ... Data Out 2 ... Notes: 1. If the mode bits=AXh ( where X is don’t care), it will keep executing the AX read mode (without command). When the mode bits are different from AXh, the device exits the AX read operation. 2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.10 Read Dummy Cycles. 3. Since the number of dummy cycles and AX bit cycles are same in the above Figure, X should be Hi-Z to avoid I/O contention. |