| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP032A-RKLE1 Arkusz danych(PDF) 29 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RKLE1 Arkusz danych(HTML) 29 Page - Integrated Silicon Solution, Inc |
|
29 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 29 Rev. A 11/06/2015 Figure 8.4 Fast Read Dual I/O Sequence (with command decode cycles) 7 5 3 7 5 1 3 1 Data Out 1 Instruction = BBh 22 CE # SCK 2 0 6 4 3-byte Address High Impedance 20 18 ... 0 1 2 3 4 5 6 7 8 9 10 ... 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Mode 3 Mode 0 ... tV 23 3 1 7 5 21 19 ... IO0 IO1 3 1 2 0 6 4 2 6 4 0 2 0 4 Dummy Cycles 7 5 3 1 6 4 2 0 7 5 ... 6 4 ... CE # SCK IO0 IO1 Data Out 2 Data Out 3 Mode Bits Mode Bits Notes: 1. If the mode bits=AXh ( where X is don’t care), it can execute the AX read mode (without command). When the mode bits are different from AXh, the device exits the AX read operation. 2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.10. Read Dummy Cycles. 3. Since the number of dummy cycles and AX bit cycles are same in the above Figure, X should be Hi-Z to avoid I/O contention. |