Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLFMLTH Arkusz danych(PDF) 29 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLFMLTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Arkusz danych(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
29
Quad I/O Word Fast Read with “8/16/32/64-Byte Wrap Around” in standard SPI mode
The Quad I/O Fast Read instruction can also be used to access a specific portion within a page by issuing a
“Set Burst with Wrap” (77H) instruction prior to E7H. The “Set Burst with Wrap” (77H) instruction can either
enable or disable the “Wrap Around” feature for the following E7H instructions. When “Wrap Around” is
enabled, the data being accessed can be limited to either an 8, 16, 32 or 64-byte section of a 256-byte
page. The output data starts at the initial address specified in the instruction, once it reaches the ending
boundary of the 8/16/32/64-byte section, the output will wrap around to the beginning boundary
automatically until /CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap around
section within a page.
Set Burst with Wrap (77H)
See Figure 17, The Set Burst with Wrap instruction is used in conjunction with “Quad I/O Fast Read” and
“Quad I/O Word Fast Read” instruction to access a fixed length of 8/16/32/64-byte section within a 256-byte
page, in standard SPI mode.
The Set Burst with Wrap instruction sequence:/CS goes low ->Send Set Burst with Wrap instruction
->Send24 Dummy bits ->Send 8 bits “Wrap bits”->/CS goes high.
If W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and “Word Read
Quad I/O” instructions will use the W6-4 setting to access the 8/16/32/64-byte section within any page. To
exit the “Wrap Around” function and return to normal read operation, another Set Burst with Wrap
instruction should be issued to set W4=1. The default value of W4 upon power on is 1.
W6
W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0
0
Yes
8-byte
No
N/A
0
1
Yes
16-byte
No
N/A
1
0
Yes
32-byte
No
N/A
1
1
Yes
64-byte
No
N/A
Figure17. Set Burst with Wrap Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com