Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLFMLTH Arkusz danych(PDF) 39 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLFMLTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Arkusz danych(HTML) 39 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
39
Enable Reset (66H) and Reset Device (99H)
Because of the small package and the limitation on the number of pins, the ACE25QC800G provides a
software Reset instruction instead of a dedicated RESET pin. Once the software Reset instruction is
accepted, any on-going internal operations will be terminated and the device will return to its default
power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable
Latch (WEL) status, Program/Erase Suspend status, Continuous Read Mode bit setting (M7-M0) and Wrap
Bit setting (W6-W4).
To avoid accidental reset, both “Enable Reset (66h)” and “Reset (99h)” instructions must be issued in
sequence. Any other commands other than “Reset (99h)” after the “Enable Reset (66h)” command will
disable the “Reset Enable” state. A new sequence of “Enable Reset (66h)” and “Reset (99h)” is needed to
reset the device. Once the Reset command is accepted by the device, the device will take approximately
30us to reset. During this period, no command will be accepted.
The Enable Reset (66h) and Reset (99h) instruction sequence is shown in Figure 29.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation
when Reset command sequence is accepted by the device. It is recommended to check the BUSY bit and
the SUS bit in Status Register before issuing the Reset command sequence.
Figure29. Enable Reset (66h) and Reset (99h) Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com