Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLFMLTH Arkusz danych(PDF) 48 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLFMLTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Arkusz danych(HTML) 48 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 52Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
48
Electrical Characteristics
Absolute Maximum Ratings
Parameters
Symbol
Conditions
Range
Unit
Supply Voltage
VCC
–0.5 to 4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.5 to 4
V
Transient Voltage on any Pin
VIOT
<20nS Transient Relative to
Ground
–2.0Vto VCC+2.0V
V
Storage Temperature
TSTG
–65 to 150
℃
Electrostatic Discharge Voltage
VESD
Human Body Model(Notes)
–2000 to 2000
V
Notes:
JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms)
Operating Ranges
Parameter
Symbol
Conditions
SPEC
Unit
Min
Max
Supply Voltage
VCC
2.7
3.6
V
Temperature Operating
TA
Commercial
0
70
℃
Industrial
-40
85
Data Retention and Endurance
Latch up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA
Power-up Timing
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To /CS Low
300
us
Parameter
Test Condition
Min
Units
Minimum Pattern Data Retention Time
150°C
10
Years
125°C
20
Years
Erase/Program Endurance
-40 to 85°C
100K
Cycles
Figure40. Power-up Timing and Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com