Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLFMLTH Arkusz danych(PDF) 8 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLFMLTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Arkusz danych(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
8
SPI Operation
Standard SPI Instructions
The ACE25QC800G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (/CS), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported.
Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI Instructions
The ACE25QC800G supports Dual SPI operation when using the “Dual Output Fast Read” (3BH), “Dual
I/O Fast Read” (BBH) and “Read Manufacture ID/Device ID Dual I/O” (92H) instructions. These instructions
allow data to be transferred to or from the device at two times the rate of the standard SPI. When using the
Dual SPI instruction the SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI Instructions
The ACE25QC800G supports Quad SPI operation when using the “Quad Output Fast Read”(6BH), “Quad
I/O Fast Read” (EBH) ,”Quad I/O word Fast Read”(E7H),”Read Manufacture ID/Device ID Quad I/O”(94H)
and “Quad Page Program”(32H) instructions. These instructions allow data to be transferred to or from the
device at four times the rate of the standard SPI. When using the Quad SPI instruction the SI and SO pins
become bidirectional I/O pins: IO0 and IO1, and /WP and
/HOLD pins become IO2 and IO3. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in
Status Register to be set.
QPI Instructions
The ACE25QC800G supports Quad Peripheral Interface (QPI) operations only when the device is switched
from Standard/Dual/Quad SPI mode to QPI mode using the “Enter QPI (38h)” instruction. The typical SPI
protocol requires that the byte-long instruction code being shifted into the device only via DI pin in eight
serial clocks. The QPI mode utilizes all four IO pins to input the instruction code, thus only two serial clocks
are required. This can significantly reduce the SPI instruction overhead and improve system performance
in an XIP environment. Standard/Dual/Quad SPI mode and QPI mode are exclusive. Only one mode can
be active at any given time. “Enter QPI (38h)” and “Exit QPI (FFh)” instructions are used to switch between
these two modes. Upon power-up or after a software reset using “Enable Reset (66h)”and “Reset (99h)”
instruction, the default state of the device is Standard/Dual/Quad SPI mode. To enable QPI mode, the
non-volatile Quad Enable bit (QE) in Status Register-2 is required to be setto 1. When using QPI
instructions, the DI and DO pins become bidirectional IO0 and IO1, and the /WP and /HOLD pins become
IO2 and IO3 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com