| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC33EP128GS708 Arkusz danych(PDF) 176 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EP128GS708 Arkusz danych(HTML) 176 Page - Microchip Technology |
|
176 / 484 page ![]() dsPIC33EPXXXGS70X/80X FAMILY DS70005258C-page 176 2016-2018 Microchip Technology Inc. FIGURE 13-1: TIMERx BLOCK DIAGRAM (x = 2 THROUGH 5) FIGURE 13-2: TYPE B/TYPE C TIMER PAIR BLOCK DIAGRAM (32-BIT TIMER) Note 1: FP is the peripheral clock. 2: The ADC trigger is only available on TMR2. TGATE TCS 00 10 x1 PRx TGATE Set TxIF Flag 0 1 Equal Reset TxCK TCKPS<1:0> Gate Sync FP(1) Falling Edge Detect TCKPS<1:0> Latch Data CLK TxCLK TMRx Comparator Prescaler (/n) Prescaler (/n) Sync ADC Trigger(2) TGATE TCS 00 10 x1 Comparator TGATE Set TyIF Flag 0 1 Equal Reset TxCK TCKPS<1:0> FP(1) TCKPS<1:0> Note 1: Timerx is a Type B timer (x = 2 and 4). 2: Timery is a Type C timer (y = 3 and 5). Data CLK PRx TMRyHLD Data Bus<15:0> msw lsw Prescaler (/n) Prescaler (/n) Sync Gate Sync Falling Edge Detect PRy TMRx TMRy Latch |