Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC33EP128GS708 Arkusz danych(PDF) 81 Page - Microchip Technology

Numer części DSPIC33EP128GS708
Szczegółowy opis  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Arkusz danych(HTML) 81 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 82Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 83Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 84Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 81
dsPIC33EPXXXGS70X/80X FAMILY
SPI1 Error Interrupt
132
124
0x00010C
IFS7<12>
SPI1IF
IEC7<12>
SPI1IE
IPC31<2:0>
SPI1IP<2:0>
SPI2 Error Interrupt
133
125
0x00010E
IFS7<13>
SPI2IF
IEC7<13>
SPI2IE
IPC31<6:4>
SPI2IP<2:0>
SPI3 Error Interrupt
134
126
0x000110
IFS7<13>
SPI3IF
IEC7<13>
SPI3IE
IPC31<10:8>
SPI3IP<2:0>
Reserved
135-145 127-137 0x000112-0x000126
—
—
—
CLC1 Interrupt
146
138
0x000128
IFS8<10>
CLC1IF
IEC8<10>
CLC1IE
IPC34<10:8>
CLC1IP<2:0>
CLC2 Interrupt
147
139
0x00012A
IFS8<11>
CLC2IF
IEC8<11>
CLC2IE
IPC34<14:12>
CLC2IP<2:0>
CLC3 Interrupt
148
140
0x00012C
IFS8<12>
CLC3IF
IEC8<12>
CLC3IE
IPC35<2:0>
CLC3IP<2:0>
CLC4 Interrupt
149
141
0x00012E
IFS8<13>
CLC4IF
IEC8<13>
CLC4IE
IPC35<6:4>
CLC4IP<2:0>
ICD – ICD Application
150
142
0x000130
IFS8<14>
ICDIF
IEC8<14>
ICDIE
IPC35<10:8>
ICDIP<2:0>
JTAG – JTAG Programming
151
143
0x000132
IFS8<15>
JTAGIF
IEC8<15>
JTAGIE
IPC35<14:12>
JTAGIP<2:0>
Reserved
152
144
0x000134
—
—
—
PTGSTEP – PTG Step
153
145
0x000136
IFS9<1>
PTGSTEPIF
IEC9<1>
PTGSTEPIE
IPC36<6:4>
PTGSTEP<2:0>
PTGWDT – PTG WDT Time-out
154
146
0x000138
IFS9<2>
PTGWDTIF
IEC9<2>
PTGWDTIE
IPC36<10:8>
PTGWDT<2:0>
PTG0 – PTG Interrupt Trigger 0
155
147
0x00013A
IFS9<3>
PTG0IF
IEC9<3>
PTG0IE
IPC36<14:12>
PTG0IP<2:0>
PTG1 – PTG Interrupt Trigger 1
156
148
0x00013C
IFS9<4>
PTG1IF
IEC9<4>
PTG1IE
IPC37<2:0>
PTG1IP<2:0>
PTG2 – PTG Interrupt Trigger 2
157
149
0x00013E
IFS9<5>
PTG2IF
IEC9<5>
PTG2IE
IPC37<6:4>
PTG2IP<2:0>
PTG3 – PTG Interrupt Trigger 3
158
150
0x000140
IFS9<6>
PTG3IF
IEC9<6>
PTG3IE
IPC37<10:8>
PTG3IP<2:0>
AN8 Conversion Done
159
151
0x000142
IFS9<7>
AN8IF
IEC9<7>
AN8IE
IPC37<14:12>
AN8IP<2:0>
AN9 Conversion Done
160
152
0x000144
IFS9<8>
AN9IF
IEC9<8>
AN9IE
IPC38<2:0>
AN9IP<2:0>
AN10 Conversion Done
161
153
0x000146
IFS9<9>
AN10IF
IEC9<9>
AN10IE
IPC38<6:4>
AN10IP<2:0>
AN11 Conversion Done
162
154
0x000148
IFS9<10>
AN11IF
IEC9<10>
AN11IE
IPC38<10:8>
AN11IP<2:0>
AN12 Conversion Done
163
155
0x00014A
IFS9<11>
AN12IF
IEC9<11>
AN12IE
IPC38<14:12>
AN12IP<2:0>
AN13 Conversion Done
164
156
0x00014C
IFS9<12>
AN13IF
IEC9<12>
AN13IE
IPC39<2:0>
AN13IP<2:0>
AN14 Conversion Done
165
157
0x00014E
IFS9<13>
AN14IF
IEC9<13>
AN14IE
IPC39<6:4>
AN14IP<2:0>
AN15 Conversion Done
166
158
0x000150
IFS9<14>
AN15IF
IEC9<14>
AN15IE
IPC39<10:8>
AN15IP<2:0>
AN16 Conversion Done
167
159
0x000152
IFS9<15>
AN16IF
IEC9<15>
AN16IE
IPC39<14:12>
AN16IP<2:0>
TABLE 7-1:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
Vector
#
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More