Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC33EP128GS708 Arkusz danych(PDF) 48 Page - Microchip Technology

Numer części DSPIC33EP128GS708
Szczegółowy opis  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Arkusz danych(HTML) 48 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 47Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 48Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 49Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 50Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 51Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 48
 2016-2018 Microchip Technology Inc.
TABLE 4-12:
SFR BLOCK A00h
TABLE 4-13:
SFR BLOCK B00h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
PTG
PTGADJ
AD2
0000000000000000 PTGQUE7
AE6
xxxxxxxxxxxxxxxx
PTGCST
AC0
0000000000000000 PTGL0
AD4
0000000000000000 PTGQUE8
AE8
xxxxxxxxxxxxxxxx
PTGCON
AC2
0000000000000000 PTGQPTR
AD6
0000000000000000 PTGQUE9
AEA
xxxxxxxxxxxxxxxx
PTGBTE
AC4
0000000000000000 PTGQUE0
AD8
xxxxxxxxxxxxxxxx PTGQUE10
AEC
xxxxxxxxxxxxxxxx
PTGHOLD
AC6
0000000000000000 PTGQUE1
ADA
xxxxxxxxxxxxxxxx PTGQUE11
AEE
xxxxxxxxxxxxxxxx
PTGT0LIM
AC8
0000000000000000 PTGQUE2
ADC
xxxxxxxxxxxxxxxx PTGQUE12
AF0
xxxxxxxxxxxxxxxx
PTGT1LIM
ACA
0000000000000000 PTGQUE3
ADE
xxxxxxxxxxxxxxxx PTGQUE13
AF2
xxxxxxxxxxxxxxxx
PTGSDLIM
ACC
0000000000000000 PTGQUE4
AE0
xxxxxxxxxxxxxxxx PTGQUE14
AF4
xxxxxxxxxxxxxxxx
PTGC0LIM
ACE
0000000000000000 PTGQUE5
AE2
xxxxxxxxxxxxxxxx PTGQUE15
AF6
xxxxxxxxxxxxxxxx
PTGC1LIM
AD0
0000000000000000 PTGQUE6
AE4
xxxxxxxxxxxxxxxx
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
DMA
DMA1STBL
B18
0000000000000000 DMA3REQ
B32
0000000000000000
DMA0CON
B00
0000000000000000 DMA1STBH
B1A
0000000000000000 DMA3STAL
B34
0000000000000000
DMA0REQ
B02
0000000000000000 DMA1PAD
B1C
0000000000000000 DMA3STAH
B36
0000000000000000
DMA0STAL
B04
0000000000000000 DMA1CNT
B1E
0000000000000000 DMA3STBL
B38
0000000000000000
DMA0STAH
B06
0000000000000000 DMA2CON
B20
0000000000000000 DMA3STBH
B3A
0000000000000000
DMA0STBL
B08
0000000000000000 DMA2REQ
B22
0000000000000000 DMA3PAD
B3C
0000000000000000
DMA0STBH
B0A
0000000000000000 DMA2STAL
B24
0000000000000000 DMA3CNT
B3E
0000000000000000
DMA0PAD
B0C
0000000000000000 DMA2STAH
B26
0000000000000000 DMAPWC
BF0
0000000000000000
DMA0CNT
B0E
0000000000000000 DMA2STBL
B28
0000000000000000 DMARQC
BF2
0000000000000000
DMA1CON
B10
0000000000000000 DMA2STBH
B2A
0000000000000000 DMAPPS
BF4
0000000000000000
DMA1REQ
B12
0000000000000000 DMA2PAD
B2C
0000000000000000 DMALCA
BF6
0000000000001111
DMA1STAL
B14
0000000000000000 DMA2CNT
B2E
0000000000000000 DSADRL
BF8
0000000000000000
DMA1STAH
B16
0000000000000000 DMA3CON
B30
0000000000000000 DSADRH
BFA
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More