Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC33EP128GS708 Arkusz danych(PDF) 78 Page - Microchip Technology

Numer części DSPIC33EP128GS708
Szczegółowy opis  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Arkusz danych(HTML) 78 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 74Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 75Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 76Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 78
 2016-2018 Microchip Technology Inc.
TABLE 7-1:
INTERRUPT VECTOR DETAILS
Interrupt Source
Vector
#
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority
Highest Natural Order Priority
INT0 – External Interrupt 0
8
0
0x000014
IFS0<0>
INT0IF
IEC0<0>
INT0IE
IPC0<2:0>
INT0IP<2:0>
IC1 – Input Capture 1
9
1
0x000016
IFS0<1>
IC1IF
IEC0<1>
IC1IE
IPC0<6:4>
IC1IP<2:0>
OC1 – Output Compare 1
10
2
0x000018
IFS0<2>
OC1IF
IEC0<2>
OC1IE
IPC0<10:8>
OC1IP<2:0>
T1 – Timer1
11
3
0x00001A
IFS0<3>
T1IF
IEC0<3>
T1IE
IPC0<14:12>
T1IP<2:0>
DMA0 – DMA Channel 0
12
4
0x00001C
IFS0<4>
DMA0IF
IEC0<4>
DMA0IE
IPC1<2:0>
DMA0IP<2:0>
IC2 – Input Capture 2
13
5
0x00001E
IFS0<5>
IC2IF
IEC0<5>
IC2IE
IPC1<6:4>
IC2IP<2:0>
OC2 – Output Compare 2
14
6
0x000020
IFS0<6>
OC2IF
IEC0<6>
OC2IE
IPC1<10:8>
OC2IP<2:0>
T2 – Timer2
15
7
0x000022
IFS0<7>
T2IF
IEC0<7>
T2IE
IPC1<14:12>
T2IP<2:0>
T3 – Timer3
16
8
0x000024
IFS0<8>
T3IF
IEC0<8>
T3IE
IPC2<2:0>
T3IP<2:0>
SPI1TX – SPI1 Transfer Done
17
9
0x000026
IFS0<9>
SPI1TXIF
IEC0<9>
SPI1TXIE
IPC2<6:4>
SPI1TXIP<2:0>
SPI1RX – SPI1 Receive Done
18
10
0x000028
IFS0<10>
SPI1RXIF
IEC0<10>
SPI1RXIE
IPC2<10:8>
SPI1RXIP<2:0>
U1RX – UART1 Receiver
19
11
0x00002A
IFS0<11>
U1RXIF
IEC0<11>
U1RXIE
IPC2<14:12>
U1RXIP<2:0>
U1TX – UART1 Transmitter
20
12
0x00002C
IFS0<12>
U1TXIF
IEC0<12>
U1TXIE
IPC3<2:0>
U1TXIP<2:0>
ADC – ADC Global Convert Done
21
13
0x00002E
IFS0<13>
ADCIF
IEC0<13>
ADCIE
IPC3<6:4>
ADCIP<2:0>
DMA1 – DMA Channel 1
22
14
0x000030
IFS0<14>
DMA1IF
IEC0<14>
DMA1IE
IPC3<10:8>
DMA1IP<2:0>
NVM – NVM Write Complete
23
15
0x000032
IFS0<15>
NVMIF
IEC0<15>
NVMIE
IPC3<14:12>
NVMIP<2:0>
SI2C1 – I2C1 Slave Event
24
16
0x000034
IFS1<0>
SI2C1IF
IEC1<0>
SI2C1IE
IPC4<2:0>
SI2C1IP<2:0>
MI2C1 – I2C1 Master Event
25
17
0x000036
IFS1<1>
MI2C1IF
IEC1<1>
MI2C1IE
IPC4<6:4>
MI2C1IP<2:0>
AC1 – Analog Comparator 1 Interrupt
26
18
0x000038
IFS1<2>
AC1IF
IEC1<2>
AC1IE
IPC4<10:8>
AC1IP<2:0>
CN – Input Change Interrupt
27
19
0x00003A
IFS1<3>
CNIF
IEC1<3>
CNIE
IPC4<14:12>
CNIP<2:0>
INT1 – External Interrupt 1
28
20
0x00003C
IFS1<4>
INT1IF
IEC1<4>
INT1IE
IPC5<2:0>
INT1IP<2:0>
Reserved
29-31
21-23
0x00003E-0x000043
—
—
—
DMA2 – DMA Channel 2
32
24
0x00044
IFS1<8>
DMA2IF
IEC1<8>
DMA2IE
IPC6<2:0>
DMA2IP<2:0>
OC3 – Output Compare 3
33
25
0x000046
IFS1<9>
OC3IF
IEC1<9>
OC3IE
IPC6<6:4>
OC3IP<2:0>
OC4 – Output Compare 4
34
26
0x000048
IFS1<10>
OC4IF
IEC1<10>
OC4IE
IPC6<10:8>
OC4IP<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More