Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC33EP128GS708 Arkusz danych(PDF) 79 Page - Microchip Technology

Numer części DSPIC33EP128GS708
Szczegółowy opis  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Arkusz danych(HTML) 79 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 75Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 76Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 82Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 79
dsPIC33EPXXXGS70X/80X FAMILY
T4 – Timer4
35
27
0x00004A
IFS1<11>
T4IF
IEC1<11>
T4IE
IPC6<14:12>
T4IP<2:0>
T5 – Timer5
36
28
0x00004C
IFS1<12>
T5IF
IEC1<12>
T5IE
IPC7<2:0>
T5IP<2:0>
INT2 – External Interrupt 2
37
29
0x00004E
IFS1<13>
INT2IF
IEC1<13>
INT2IE
IPC7<6:4>
INT2IP<2:0>
U2RX – UART2 Receiver
38
30
0x000050
IFS1<14>
U2RXIF
IEC1<14>
U2RXIE
IPC7<10:8>
U2RXIP<2:0>
U2TX – UART2 Transmitter
39
31
0x000052
IFS1<15>
U2TXIF
IEC1<15>
U2TXIE
IPC7<14:12>
U2TXIP<2:0>
SPI2TX – SPI2 Transfer Done
40
32
0x000054
IFS2<0>
SPI2TXIF
IEC2<0>
SPI2TXIE
IPC8<2:0>
SPI2TXIP<2:0>
SPI2RX – SPI2 Receive Done
41
33
0x000056
IFS2<1>
SPI2RXIF
IEC2<1>
SPI2RXIE
IPC8<6:4>
SPI2RXIP<2:0>
C1RX – CAN1 RX Data Ready
42
34
0x000058
IFS2<2>
C1RXIF
IEC2<2>
C1RXIE
IPC8<10:8>
C1RXIP<2:0>
C1 – CAN1 Combined Error
43
35
0x000059
IFS2<3>
C1IF
IEC2<3>
C1IE
IPC8<14:12>
C1IP<2:0>
DMA3 – DMA Channel 3
44
36
0x00005A
IFS2<4>
DMA3IF
IEC2<4>
DMA3IE
IPC9<2:0>
DMA3IP<2:0>
IC3 – Input Capture 3
45
37
0x00005E
IFS2<5>
IC3IF
IEC2<5>
IC3IE
IPC9<6:4>
IC3IP<2:0>
IC4 – Input Capture 4
46
38
0x000060
IFS2<6>
IC4IF
IEC2<6>
IC4IE
IPC9<10:8>
IC4IP<2:0>
Reserved
47-56
39-48
0x000062-0x000074
—
—
—
SI2C2 – I2C2 Slave Event
57
49
0x000076
IFS3<1>
SI2C2IF
IEC3<1>
SI2C2IE
IPC12<6:4>
SI2C2IP<2:0>
MI2C2 – I2C2 Master Event
58
50
0x000078
IFS3<2>
MI2C2IF
IEC3<2>
MI2C2IE
IPC12<10:8>
MI2C2IP<2:0>
Reserved
59-61
51-53
0x00007A-0x00007E
—
—
—
INT4 – External Interrupt 4
62
54
0x000080
IFS3<6>
INT4IF
IEC3<6>
INT4IE
IPC13<10:8>
INT4IP<2:0>
C2RX – CAN2 RX Data Ready
63
55
0x000082
IFS3<7>
C2RXIF
IEC3<7>
C2RXIE
IPC13<14:12>
C2RXIP<2:0>
C2 – CAN 2 Combined Error
64
56
0x000083
IFS3<8>
C2IF
IEC3<8>
C2IE
IPC14<2:0>
C2IP<2:0>
PSEM – PWM Special Event Match
65
57
0x000086
IFS3<9>
PSEMIF
IEC3<9>
PSEMIE
IPC14<6:4>
PSEMIP<2:0>
Reserved
66-72
58-64
0x000088-0x000094
—
—
—
U1E – UART1 Error Interrupt
73
65
0x000096
IFS4<1>
U1EIF
IEC4<1>
U1EIE
IPC16<6:4>
U1EIP<2:0>
U2E – UART2 Error Interrupt
74
66
0x000098
IFS4<2>
U2EIF
IEC4<2>
U2EIE
IPC16<10:8>
U2EIP<2:0>
Reserved
75-77
67-69
0x00009A-0x0000A2
—
—
—
C1TX – CAN1 TX Data Request
78
70
0x0000A0
IFS4<6>
C1TXIF
IEC4<6>
C1TXIE
IPC17<10:8>
C1TXIP<2:0>
C2TX – CAN2 TX Data Request
79
71
0x0000A
IFS4<7>
C2TXIF
IEC4<7>
C2TXIE
IPC17<14:12>
C2TXIP<2:0>
Reserved
80
72
0x0000A4
—
—
—
TABLE 7-1:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
Vector
#
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More