| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC33EP128GS708 Arkusz danych(PDF) 102 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EP128GS708 Arkusz danych(HTML) 102 Page - Microchip Technology |
|
102 / 484 page ![]() dsPIC33EPXXXGS70X/80X FAMILY DS70005258C-page 102 2016-2018 Microchip Technology Inc. REGISTER 8-13: DMALCA: DMA LAST CHANNEL ACTIVE STATUS REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 R-1 R-1 R-1 R-1 — — — — LSTCH<3:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-4 Unimplemented: Read as ‘0’ bit 3-0 LSTCH<3:0>: Last DMA Controller Channel Active Status bits 1111 = No DMA transfer has occurred since system Reset 1110 = Reserved • • • 0100 = Reserved 0011 = Last data transfer was handled by Channel 3 0010 = Last data transfer was handled by Channel 2 0001 = Last data transfer was handled by Channel 1 0000 = Last data transfer was handled by Channel 0 |