Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX804_C/D Arkusz danych(PDF) 9 Page - Maxim Integrated Products

Numer części MAX804_C/D
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D Arkusz danych(HTML) 9 Page - Maxim Integrated Products

Back Button MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 10Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 11Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 12Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
coincide with the trip point without hysteresis (VTRIP), so
the entire hysteresis window occurs above VTRIP. This
method provides additional noise margin without com-
promising the accuracy of the power-fail threshold when
the monitored voltage is falling. It is useful for accurately
detecting when a voltage falls past a threshold.
The current through R1 and R2 should be at least 1µA
to ensure that the 25nA (max over extended temperature
range) PFI input current does not shift the trip point. R3
should be larger than 10kΩ so it does not load down the
PFO pin. Capacitor C1 adds additional noise rejection.
Monitoring an Additional Power Supply
These µP supervisors can monitor either positive or
negative supplies using a resistor voltage divider to
PFI. PFO can be used to generate an interrupt to the
µP (Figure 5). Connecting PFO to MR on the MAX704
and MAX806 causes reset to assert when the monitored
supply goes out of tolerance. Reset remains asserted
as long as PFO holds MR low, and for 200ms after PFO
goes high.
Interfacing to µPs with Bidirectional Reset
Pins
µPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX690_/MAX704_/
MAX802_/MAX806_ RESET output. If, for example, the
RESET output is driven high and the µP wants to pull it
low, indeterminate logic levels may result. To correct this,
connect a 4.7kΩ resistor between the RESET output and
the µP reset I/O, as in Figure 6. Buffer the RESET output
to other system components.
Negative-Going VCC Transients
While issuing resets to the µP during power-up, power-
down, and brownout conditions, these supervisors are
relatively immune to short-duration negative-going VCC
transients (glitches). It is usually undesirable to reset the
µP when VCC experiences only small glitches.
Figure 7 shows maximum transient duration vs. reset-
comparator overdrive, for which reset pulses are
not
generated. The graph was produced using negative-going
VCC pulses, starting at 3.3V and ending below the reset
threshold by the magnitude indicated (reset comparator
overdrive). The graph shows the maximum pulse width a
negative-going VCC transient may typically have without
causing a reset pulse to be issued. As the amplitude of
the transient increases (i.e., goes farther below the reset
threshold), the maximum allowable pulse width decreas-
es. Typically, a VCC transient that goes 100mV below the
reset threshold and lasts for 40µs or less will not cause a
reset pulse to be issued.
A 100nF bypass capacitor mounted close to the VCC pin
provides additional transient immunity.
Figure 3. Using a SuperCap as a Backup Power Source
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
VOUT
TO STATIC
RAM
VBATT
VCC
GND
1N4148
RESET
(RESET)
( ) ARE FOR MAX804T/S/R, MAX805T/S/R ONLY
TO µP
0.47F
3.0V OR 3.3V
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
VOUT
TO STATIC
RAM
VBATT
VCC
GND
1N4148
RESET
(RESET)
( ) ARE FOR MAX804T/S/R, MAX805T/S/R ONLY
TO µP
0.47F
3.0V OR
3.3V
+5V
b
a
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com