Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX804_C/D Arkusz danych(PDF) 3 Page - Maxim Integrated Products

Numer części MAX804_C/D
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D Arkusz danych(HTML) 3 Page - Maxim Integrated Products

  MAX804_C/D Datasheet HTML 1Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 2Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 3Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 4Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT in Battery-Backup
Mode
IOUT = 250µA, VBATT = 2.3V
VBATT
- 0.1
VBATT
- 0.034
V
IOUT = 1mA, VBATT = 2.3V
VBATT
-0.14
Battery Switch Threshold,
VCC Falling
VBATT - VCC, VSW > VCC > 1.75V (Note 5)
65
25
mV
VSW
VBATT > VCC (Note 6)
2.30
2.40
2.50
V
Battery Switch Threshold,
VCC Rising (Note 7)
This value is identical to the reset threshold,
VCC rising
V
Reset Threshold (Note 8)
VRST
MAX690T/704T/805T
VCC falling
3.00
3.075
3.15
V
VCC rising
3.00
3.085
3.17
MAX802T/804T/806T
VCC falling
3.00
3.075
3.12
VCC rising
3.00
3.085
3.14
MAX690S/704S/805S
VCC falling
2.85
2.925
3.00
VCC rising
2.85
2.935
3.02
MAX802S/804S/806S
VCC falling
2.88
2.925
3.00
VCC rising
2.88
2.935
3.02
MAX690R/704R/805R
VCC falling
2.55
2.625
2.70
VCC rising
2.55
2.635
2.72
MAX802R/804R/806S
VCC falling
2.59
2.625
2.70
VCC rising
2.59
2.635
2.72
Reset Timeout Period
tWP
VCC < 3.6V
140
200
280
ms
PFO, RESET Output Voltage
VOH
ISOURCE = 50µA
VCC-
0.3
VCC-
0.05
V
PFO, RESET Output Short to
GND Current (Note 4)
IOS
VCC = 3.3V, VOH = 0V
180
500
µV
PFO, RESET, RESET
Output Voltage
VOL
ISINK = 1.2mA;
MAX690_/704_/802_/806_, VCC = VRST min;
MAX804_/805_, VCC = VRST max
0.06
0.3
V
PFO, RESET Output Voltage
VOL
VBATT = 0V, VCC = 1.0V, ISINK = 40µA,
MAX690_C, MAX704_C, MAX80_ _C
0.13
0.3
V
VBATT = 0V, VCC = 1.2V, ISINK = 200µA,
MAX690_E/M, MAX704_E/M, MAX80_ _E/M
0.17
0.3
RESET Output Leakage
Current (Note 9)
VBATT = 0V,
VCC = VRST min;
VRESET = 0V, VCC
MAX804_C,
MAX805_C
-1
+1
µA
MAX804_E/M,
MAX805_E/M
-10
+10
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com