Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX804_C/D Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX804_C/D
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX804_C/D Datasheet HTML 1Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 2Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 3Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 4Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25C.)
Note 1: VCC supply current, logic input leakage, watchdog functionality (MAX690_/802_/805_/804_), MR functionality
(MAX704_/806_), PFI functionality, state of RESET (MAX690_/704_/802_/806_), and RESET (MAX804_/805_) tested at
VBATT = 3.6V, and VCC = 5.5V. The state of RESET or RESET and PFO is tested at VCC = VCC min.
Note 2: Tested at VBATT = 3.6V, VCC = 3.5V and 0V. The battery current will rise to 10µA over a narrow transition window around
VCC = 1.9V.
Note 3: Leakage current into the battery is tested under the worst-case conditions at VCC = 5.5V, VBATT = 1.8V and at VCC = 1.5V,
VBATT= 1.0V.
Note 4: Guaranteed by design.
Note 5: When VSW > VCC > VBATT, VOUT remains connected to VCC until VCC drops below VBATT. The VCC-to-VBATT compara-
tor has a small 25mV typical hysteresis to prevent oscillation. For VCC < 1.75V (typ), VOUT switches to VBATT regardless
of the voltage on VBATT.
Note 6: When VBATT > VCC > VSW, VOUT remains connected to VCC until VCC drops below the battery switch threshold (VSW).
Note 7: VOUT switches from VBATT to VCC when VCC rises above the reset threshold, independent of VBATT. Switchover back to
VCC occurs at the exact voltage that causes RESET to go high (on the MAX804_/805_, RESET goes low); however
switchover occurs 200ms prior to reset.
Note 8: The reset threshold tolerance is wider for VCC rising than for VCC falling to accommodate the 10mV typical hysteresis,
which prevents internal oscillation.
Note 9: The leakage current into or out of the RESET pin is tested with RESET asserted (RESET output high impedance).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PFI Input Threshold
VPFT
VCC < 3.6V
VPFI falling
MAX802_C/E, MAX804_C/E,
MAX806_C/E
1.212
1.237
1.262
V
MAX690_/MAX704_/MAX805_
1.187
1.237
1.287
PFI Input Current
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
-25
2
25
nA
MAX690_M, MAX704_M, MAX80_ _M
-500
2
500
PFI Hysteresis, PFI Rising
VPFH
VCC < 3.6V
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E
10
20
mV
MAX690_M, MAX704_M,
MAX80_ _M
10
25
PFI Input Current
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
-25
2
25
nA
MAX690_M, MAX704_M, MAX80_ _M
-500
2
500
MR Input Threshold
VIH
MAX704_/MAX806_ only
0.7 x VCC
V
VIL
0.3 x VCC
MR Pulse Width
tMR
MAX704_/MAX806_ only
100
20
ns
MR to Reset Delay
tMD
MAX704_/MAX806_ only
60
500
ns
MR Pull-Up Current
MAX704_/MAX806_ only, MR = 0V, VCC = 3V
20
60
350
µA
WDI Input Threshold
VIH
MAX690_/MAX802_/MAX804_/MAX805_ only
0.7 x VCC
V
VIL
0.3 x VCC
WDI Input Current
0V< VCC <
5.5V
MAX690_C/E, MAX802_C/E,
MAX804_C/E, MAX805_C/E
-1
+0.01
+1
µA
MAX690_M, MAX802_M,
MAX804_M, MAX805_M
-10
+0.01
+10
Watchdog Timeout Period
tWD
VCC < 3.6V
MAX690/MAX802/MAX804/
MAX805 only
1.12
1.60
2.24
s
WDI Pulse Width
MAX690_/MAX802_/MAX804_/MAX805_ only
100
20
ns
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com