Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX804_C/D Arkusz danych(PDF) 12 Page - Maxim Integrated Products

Numer części MAX804_C/D
Szczegółowy opis  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D Arkusz danych(HTML) 12 Page - Maxim Integrated Products

Back Button MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 10Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 11Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 12Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
For the latest package outline information and land patterns, go
to www.maximintegrated.com/packages. Note that a “+”, “#”,
or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE e
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 PDIP
P8+2
21-0043
—
8 CDIP
J8+2
21-0045
—
8 SOIC
S8+4
21-0041
90-0096
*Contact factory for dice specifications.
**These parts offer a choice of reset threshold voltage. Select
the letter corresponding to the desired nominal reset threshold
voltage (T = 3.075V, S = 2.925V, R = 2.625V) and insert it into
the blank to complete the part number.
Devices in PDIP and SO packages are available in both leaded
and lead(Pb)-free packaging. Specify lead free by adding the +
symbol at the end of the part number when ordering. Lead free
not available for CERDIP package.
PART**
TEMP RANGE
PIN-PACKAGE
MAX704_CPA
0°C to +70°C
8 Plastic DIP
MAX704_CSA
0°C to +70°C
8 SO
MAX704_C/D
0°C to +70°C
Dice*
MAX704_EPA
-40°C to +85°C
8 Plastic DIP
MAX704_ESA
-40°C to +85°C
8 SO
MAX704_MJA
-55°C to +125°C
8 CERDIP
MAX802_CPA
0°C to +70°C
8 Plastic DIP
MAX802_CSA
0°C to +70°C
8 SO
MAX802_C/D
0°C to +70°C
Dice*
MAX802_EPA
-40°C to +85°C
8 Plastic DIP
MAX802_ESA
-40°C to +85°C
8 SO
MAX802_MJA
-55°C to +125°C
8 CERDIP
MAX804_CPA
0°C to +70°C
8 Plastic DIP
MAX804_CSA
0°C to +70°C
8 SO
MAX804_C/D
0°C to +70°C
Dice*
MAX804_EPA
-40°C to +85°C
8 Plastic DIP
MAX804_ESA
-40°C to +85°C
8 SO
MAX804_MJA
-55°C to +125°C
8 CERDIP
MAX805_CPA
0°C to +70°C
8 Plastic DIP
MAX805_CSA
0°C to +70°C
8 SO
MAX805_C/D
0°C to +70°C
Dice*
MAX805_EPA
-40°C to +85°C
8 Plastic DIP
MAX805_ESA
-40°C to +85°C
8 SO
MAX805_MJA
-55°C to +125°C
8 CERDIP
MAX806_CPA
0°C to +70°C
8 Plastic DIP
MAX806_CSA
0°C to +70°C
8 SO
MAX806_C/D
0°C to +70°C
Dice*
MAX806_EPA
-40°C to +85°C
8 Plastic DIP
MAX806_ESA
-40°C to +85°C
8 SO
MAX806_MJA
-55°C to +125°C
8 CERDIP
1
2
3
4
8
7
6
5
DIP/SO
TOP VIEW
PFO
VBATT
RESET (RESET)
WDI
<MR>
VOUT
VCC
GND
PFI
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
( ) ARE FOR MAX804T/S/R, MAX805T/S/R
< > ARE FOR MAX704T/S/R, MAX806T/S/R
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 12
Ordering Information (continued)
Pin Configuration
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com