Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8625 Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX8625
Szczegółowy opis  High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8625 Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8625 Datasheet HTML 2Page - Maxim Integrated Products MAX8625 Datasheet HTML 3Page - Maxim Integrated Products MAX8625 Datasheet HTML 4Page - Maxim Integrated Products MAX8625 Datasheet HTML 5Page - Maxim Integrated Products MAX8625 Datasheet HTML 6Page - Maxim Integrated Products MAX8625 Datasheet HTML 7Page - Maxim Integrated Products MAX8625 Datasheet HTML 8Page - Maxim Integrated Products MAX8625 Datasheet HTML 9Page - Maxim Integrated Products MAX8625 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High-Efficiency, Seamless Transition,
Step-Up/Down DC-DC Converter
6
_______________________________________________________________________________________
2ms/div
STARTUP WAVEFORMS
VIN = 3.6V, LOAD = 5
Ω, VOUT = 3.288V
MAX8625A toc16
ON
2V/div
VOUT
20mV/div
IBATT
500mA/div
ILX
500mA/div
2ms/div
STARTUP WAVEFORMS (FIGURE 3)
VIN = 3.6V, LOAD = 30
Ω, VOUT = 1.5V
MAX8625A toc17
ON
2V/div
IBATT
100mA/div
VOUT
1V/div
ILX
500mA/div
400
µs/div
LOAD TRANSIENT
VOUT = 3.3V
MAX8625A toc18
VOUT
100mV/div
(DC OFFSET = 3.3V)
ILX
500mA/div
IBATT
250mA/div
Typical Operating Characteristics (continued)
(VIN = 3.6V, SKIP = GND, TA = +25°C, Figure 4, unless otherwise noted.)
1ms/div
LINE TRANSIENT
VOUT = 3.3V, LOAD = 5.5
Ω,
VIN RAMP 3V TO 4V
MAX8625A toc19
CH1 = VIN
500mV/div
3V OFFSET
CH2 = VOUT
50mV/div
(AC-COUPLED)
BODE PLOT
GAIN AND PHASE vs. FREQUENCY
MAX8625A toc20
FREQUENCY (kHz)
100
10
-50
-40
-30
-20
-10
0
10
20
30
40
-60
1
1000
VIN = 3.6V
VOUT = 3.3V
LOAD = 200mA
-180
-144
-108
-72
-36
0
36
72
108
144
180
GAIN
PHASE
0.90
0.94
0.92
0.98
0.96
1.04
1.02
1.00
1.06
-40
0
-20
20406080
100
OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com