Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8625 Arkusz danych(PDF) 9 Page - Maxim Integrated Products

Numer części MAX8625
Szczegółowy opis  High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8625 Arkusz danych(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8625 Datasheet HTML 5Page - Maxim Integrated Products MAX8625 Datasheet HTML 6Page - Maxim Integrated Products MAX8625 Datasheet HTML 7Page - Maxim Integrated Products MAX8625 Datasheet HTML 8Page - Maxim Integrated Products MAX8625 Datasheet HTML 9Page - Maxim Integrated Products MAX8625 Datasheet HTML 10Page - Maxim Integrated Products MAX8625 Datasheet HTML 11Page - Maxim Integrated Products MAX8625 Datasheet HTML 12Page - Maxim Integrated Products MAX8625 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
High-Efficiency, Seamless Transition,
Step-Up/Down DC-DC Converter
_______________________________________________________________________________________
9
times. This reduces the ripple and removes any mode
transitions from boost-only or buck-only to hybrid modes
as seen in competing H-bridge converters.
The time spent in each phase is set by a PWM con-
troller, using timers and/or peak-current regulation on a
cycle-by-cycle basis. The heart of the PWM control
block is a comparator that compares the output volt-
age-error feedback signal and the sum of the current-
sense and slope compensation signals. The current-
mode control logic regulates the inductor current as a
function of the output error voltage signal. The current-
sense signal is monitored across the MOSFETs (P1, N1,
and N2). A fixed time delay of approximately 30ns
occurs between turning the P1 and N2 MOSFETs off,
and turning the N1 and P2 MOSFETs on. This dead
time prevents efficiency loss by preventing “shoot-
through” current.
Step-Down Operation (VIN > VOUT)
During medium and heavy loads and VIN > VOUT,
MOSFETs P1 and N2 turn on to begin phase 1 at the
clock edge and ramp up the inductor current. The
duration of phase 1 is set by an internal timer. During
phase 2, N2 turns off, and P2 turns on to further ramp
up inductor current and also transfer charge to the out-
put. This slow charge phase is terminated on a clock
edge and P1 is turned off. The converter now enters the
fast discharge phase (phase 3). In phase 3, N1 turns
on and the inductor current ramps down to the valley
current-regulation point set by the error signal. At the
end of phase 3, both P2 and N1 turn off and another
phase 1 is initiated and the cycle repeats.
With SKIP asserted low, during light loads when induc-
tor current falls to zero in phase 3, the converter switch-
es to phase 4 to reduce power consumption and avoid
Figure 1. Simplified Block Diagram
MAX8625A
Gm
FB
UVLO
P1
CURRENT SENSE
REFERENCE
PWM/PFM
CONTROL
P1
P2
N2
OUT
IN
REF
LX1
LX2
N1
ON
SKIP
OSCILLATOR
GND
1.25V
125mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com