Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8625 Arkusz danych(PDF) 7 Page - Maxim Integrated Products

Numer części MAX8625
Szczegółowy opis  High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8625 Arkusz danych(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8625 Datasheet HTML 3Page - Maxim Integrated Products MAX8625 Datasheet HTML 4Page - Maxim Integrated Products MAX8625 Datasheet HTML 5Page - Maxim Integrated Products MAX8625 Datasheet HTML 6Page - Maxim Integrated Products MAX8625 Datasheet HTML 7Page - Maxim Integrated Products MAX8625 Datasheet HTML 8Page - Maxim Integrated Products MAX8625 Datasheet HTML 9Page - Maxim Integrated Products MAX8625 Datasheet HTML 10Page - Maxim Integrated Products MAX8625 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Efficiency, Seamless Transition,
Step-Up/Down DC-DC Converter
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VIN = 3.6V, SKIP = GND, TA = +25°C, Figure 4, unless otherwise noted.)
2.28
2.34
2.32
2.30
2.36
2.38
2.40
2.42
2.44
2.46
2.48
-50
0
-25
255075
100
MINIMUM STARTUP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VOUT = 3.3V, NO LOAD
1.22
1.24
1.23
1.26
1.25
1.27
1.28
-40
20
40
-20
0
60
80
100
REFERENCE vs. TEMPERATURE
NO LOAD
TEMPERATURE (
°C)
VOUT = 3.3V
VIN = 3.0V,
3.6V,
4.2V,
5.0V
1.22
1.24
1.23
1.26
1.25
1.27
1.28
-40
20
40
-20
0
60
80
100
REFERENCE vs. TEMPERATURE
WITH 300mA LOAD
TEMPERATURE (
°C)
VOUT = 3.3V
VIN = 3.0V,
3.6V,
4.2V,
5.0V
100
µs/div
SHUTDOWN DUE TO OVERLOAD
VIN = 3.6V, VOUT = 3.288V
MAX8625A toc25
VLX1
2V/div
VLX2
2V/div
VOUT
500mV/div
ILX
500mA/div
2
µs/div
BOOST-TO-BUCK TRANSITION
FPWM MODE VIN = 3.6V, VOUT = 3.288V
MAX8625A toc26
VIN
1V/div
DC OFFSET = 3V
VOUT
100mV/div
AC-COUPLED
ILX
200mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com