| Zakładka z wyszukiwarką danych komponentów |
|
P5021 Arkusz danych(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Arkusz danych(HTML) 24 Page - NXP Semiconductors |
|
24 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 24 SD_TX15 Transmit Data (positive) AB33 O XVDD — SD_TX14 Transmit Data (positive) AA31 O XVDD — SD_TX13 Transmit Data (positive) Y29 O XVDD — SD_TX12 Transmit Data (positive) W31 O XVDD — SD_TX11 Transmit Data (positive) T30 O XVDD — SD_TX10 Transmit Data (positive) P31 O XVDD — SD_TX09 Transmit Data (positive) N33 O XVDD — SD_TX08 Transmit Data (positive) M31 O XVDD — SD_TX07 Transmit Data (positive) K31 O XVDD — SD_TX06 Transmit Data (positive) J33 O XVDD — SD_TX05 Transmit Data (positive) G33 O XVDD — SD_TX04 Transmit Data (positive) D34 O XVDD — SD_TX03 Transmit Data (positive) F31 O XVDD — SD_TX02 Transmit Data (positive) H30 O XVDD — SD_TX01 Transmit Data (positive) F29 O XVDD — SD_TX00 Transmit Data (positive) H28 O XVDD — SD_TX19 Transmit Data (negative) AG26 O XVDD — SD_TX18 Transmit Data (negative) AB29 O XVDD — SD_TX17 Transmit Data (negative) AG32 O XVDD — SD_TX16 Transmit Data (negative) AE32 O XVDD — SD_TX15 Transmit Data (negative) AB34 O XVDD — SD_TX14 Transmit Data (negative) AA32 O XVDD — SD_TX13 Transmit Data (negative) Y30 O XVDD — SD_TX12 Transmit Data (negative) W32 O XVDD — SD_TX11 Transmit Data (negative) T31 O XVDD — SD_TX10 Transmit Data (negative) P32 O XVDD — SD_TX09 Transmit Data (negative) N34 O XVDD — SD_TX08 Transmit Data (negative) M32 O XVDD — SD_TX07 Transmit Data (negative) K32 O XVDD — SD_TX06 Transmit Data (negative) J34 O XVDD — SD_TX05 Transmit Data (negative) F33 O XVDD — SD_TX04 Transmit Data (negative) E34 O XVDD — SD_TX03 Transmit Data (negative) E31 O XVDD — SD_TX02 Transmit Data (negative) G30 O XVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |