| Zakładka z wyszukiwarką danych komponentów |
|
ADP1034ACPZ-1-R7 Arkusz danych(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1034ACPZ-1-R7 Arkusz danych(HTML) 33 Page - Analog Devices |
|
33 / 41 page ![]() Data Sheet ADP1034 APPLICATIONS INFORMATION analog.com Rev. 0 | 33 of 41 Table 18. Recommended Feedback Resistor Values for Inverting Regulator Target VOUT3 (V) Inverting Regulator RFT3 (MΩ) RFB3 (kΩ) Calculated VOUT3 (V) −2 0.130 86.6 −2.000 −6 0.715 110 −6.000 −9 1.24 121 −8.998 −12 1.54 110 −12.000 −15 2.15 121 −15.015 −24 3.48 120 −24.000 Capacitor Selection Higher output capacitor values reduce the output voltage ripple and improve the load transient response. When choosing this value, it is also important to account for the loss of capacitance due to the output voltage dc bias. Ceramic capacitors are manufactured with a variety of dielectrics, each with a different behavior over temperature and applied volt- age. Capacitors must have a dielectric adequate to ensure the minimum capacitance over the necessary temperature range and dc bias conditions. X5R or X7R dielectrics with voltage ratings of 25 V to 50 V (depending on output) are recommended for optimal performance. Y5V and Z5U dielectrics are not recommended for use with any dc-to-dc converter because of their poor temperature and dc bias characteristics. Calculate the worst case capacitance accounting for capacitor variation over temperature, component tolerance, and voltage using the following equation: CEFFECTIVE = CNOMINAL × (1 − Tempco) × (1 − DCBIASCO) × (1 − Tolerance) where: CEFFECTIVE is the effective capacitance at the operating voltage. CNOMINAL is the nominal capacitance shown in the capacitor data sheet. Tempco is the worst case capacitor temperature coefficient. DCBIASCO is the dc bias coefficient derating at the output voltage. Tolerance is the worst case component tolerance. To guarantee the performance of the device, it is imperative to evaluate the effects of dc bias, temperature, and tolerances on the behavior of the capacitors for each application. Capacitors with lower effective series resistance (ESR) and effec- tive series inductance (ESL) are preferred to minimize voltage ripple. FLYBACK REGULATOR COMPONENTS SELECTION Input Capacitor An input capacitor must be placed between the VINP pin and ground. Ceramic capacitors greater than or equal to 4.7 µF over temperature and voltage are recommended. The input capacitor reduces the input voltage ripple caused by the switching current. Place the input capacitor as close as possible to the VINP and PGNDP pins to reduce input voltage spikes. The voltage rating of the input capacitor must be greater than the maximum input voltage. Output Capacitor Higher output capacitor values reduce the output voltage ripple and improve load transient response. When choosing this value, it is also important to account for the loss of capacitance due to the output voltage dc bias. A 10 μF capacitor is recommended as a balance between performance and size. Ripple Current vs. Capacitor Value The output capacitor value must be chosen to minimize the output voltage ripple while considering the increase in size and cost of a larger capacitor. Use the following equation to calculate the output capacitance: COUT = (LPRI × ISWP2)/(2 × VOUT1 × ΔVOUT1) where: COUT is the capacitance of the flyback output capacitor. LPRI is the primary inductance of the transformer. ISWP is the peak switch current. VOUT1 is the flyback regulator output voltage. ΔVOUT1 is the allowable flyback regulator output ripple. Schottky Diode A Schottky diode with low junction capacitance is recommended for D1. At higher output voltages and especially at higher switching frequencies, the junction capacitance is a significant contributor to efficiency. Choose an output diode with a forward current rating (IF) that is greater than the maximum load requirement and with a reverse voltage rating (VR) that is greater than the summation of the maximum supply voltage (VVINP_MAX) and the maximum output voltage (VOUT1_MAX). Transformer The transformer used with the ADP1034 is an important component within the system, in terms of efficiency and maximum output power capability. Analog Devices worked with a number of leading magnetic component suppliers to develop transformer designs for use with the ADP1034. These designs are listed in Table 19. A number of factors must be taken into account when designing a transformer for use with the ADP1034. Turn Ratio The ADP1034 requires the use of a transformer with a primary to secondary turn ratio of 1:1 to start up properly. |