Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1034ACPZ-1-R7 Arkusz danych(PDF) 37 Page - Analog Devices

Numer części ADP1034ACPZ-1-R7
Szczegółowy opis  3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACPZ-1-R7 Arkusz danych(HTML) 37 Page - Analog Devices

Back Button ADP1034ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
ADP1034
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 37 of 41
BUCK REGULATOR COMPONENT SELECTION
Inductor
The value of the inductor for the ADP1034 buck regulator affects
the efficiency and the output voltage ripple. Larger value inductors
typically improve efficiency. However, for a given package size, as
load increases, the dc resistance (DCR) and core losses eventually
have an increased negative impact on efficiency. Using a smaller
value inductor reduces output voltage ripple but can decrease the
overall efficiency due to increased switching losses.
Output Capacitor
The output capacitor selection affects the output ripple voltage,
load step transient, and the loop stability of the regulator. A 10 μF
capacitor is recommended as a balance between performance and
size, but larger capacitor can be used to reduce output ripple.
INVERTING REGULATOR COMPONENT
SELECTION
Inductor
The value of the inductor for the ADP1034 inverting regulator
affects the efficiency and the output voltage ripple. Larger value
inductors typically improve efficiency. However, for a given package
size, as load increases, the DCR and core losses eventually have
an increased negative impact on efficiency. Using a smaller value
inductor reduces output voltage ripple but can decrease the overall
efficiency due to increased switching losses.
Output Capacitor
The output capacitor selection affects the output ripple voltage, load
step transient, and the loop stability of the regulator. A minimum
of 4.7 µF capacitor is recommended to maintain stability across
VOUT1 and the output load.
Inverting Regulator Stability
The ADP1034 inverting regulator uses internal compensation and
operates with an inductance of 100 µH and a typical capacitance
of 4.7 µF. Using different component values may result in instability
of VOUT3, particularly if lower capacitance and smaller inductor
values are used. Consult Analog Devices for guidance. Operating
the inverter with the recommended inductor and output capacitor,
the output is stable from no load to a 15 mA load for any output
from −24 V to −2 V. When increasing the load beyond 15 mA, use a
larger output capacitor to stabilize the feedback loop, particularly for
lower output voltages.
Table 20. Buck Regulator and Inverting Regulator Recommended Inductors
Part Number
Manufacturer
Inductance (µH)
DCR (Ω)
Saturation Current1 (mA)
Size: Length × Width ×
Height (mm)
744043101
Würth Elektronik
100
0.55
290
4.8 × 4.8 × 2.8
XFL3012-104MEB
Coilcraft
100
2.63
280
3.2 × 3.2 × 1.3
LQH3NPN101MMEL
Murata
100
1.59
260
3 × 3 × 1.4
SRN3015-101M
Bourns
100
2.92
270
3 × 3 × 1.5
SRU2016-101Y
Bourns
100
4.9
150
2.8 × 2.8 × 1.65
XFL2006-104MEB
Coilcraft
100
11.1
115
2 × 2 × 0.6
1 30% drop in inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41